Electronic Components Datasheet Search
  English  ▼

X  

DTS2012 Datasheet(PDF) 2 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2012
Description  N-Channel 30 V (D-S) MOSFET Halogen-free
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2012 Datasheet(HTML) 2 Page - DinTek Semiconductor Co,.Ltd

  DTS2012_13 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2012_13 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2012_13 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2012_13 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2012_13 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2012_13 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2012_13 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2012_13 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2012_13 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
VDS/TJ
ID = 250 µA
23
mV/°C
VGS(th) Temperature Coefficient
VGS(th)/TJ
- 3.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 0.5
µA
VDS = 0 V, VGS = ± 12 V
± 25
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS  5 V, VGS = 4.5 V
15
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 3.7 A
0.036
0.045
VGS = 4.5 V, ID = 3.6 A
0.040
0.049
VGS = 2.5 V, ID = 1.5 A
0.048
0.060
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.7 A
17
S
Dynamicb
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 4.7 A
8.8
13.5
nC
VDS = 15 V, VGS = 4.5 V, ID = 4.7 A
46
Gate-Source Charge
Qgs
0.9
Gate-Drain Charge
Qgd
1.1
Gate Resistance
Rg
f = 1 MHz
0.4
2
4
k
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 4.1 
ID  3.7 A, VGEN = 4.5 V, Rg = 1 
0.29
0.58
µs
Rise Time
tr
0.4
0.8
Turn-Off DelayTime
td(off)
1.9
3.8
Fall Time
tf
0.75
1.5
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 4.1 
ID  3.7 A, VGEN = 10 V, Rg = 1 
0.1
0.2
Rise Time
tr
0.15
0.3
Turn-Off DelayTime
td(off)
36
Fall Time
tf
0.75
1.5
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.3
A
Pulse Diode Forward Current
ISM
20
Body Diode Voltage
VSD
IS = 3.7 A, VGS = 0 V
0.85
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3.7 A, dI/dt = 100 A/µs, TJ = 25 °C
12
25
ns
Body Diode Reverse Recovery Charge
Qrr
510
nC
Reverse Recovery Fall Time
ta
6.5
ns
Reverse Recovery Rise Time
tb
5.5
DTS2012
www.din-tek.jp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com