Electronic Components Datasheet Search
  English  ▼

X  

PE4236 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4236
Description  BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4236 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4236 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4236 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Twinax Plug Connector Clamp/Solder
Attachment For RG108, 78 Ohm Twinax
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
Configuration
Connector
BNC Twinax Plug
Connector Interface Type
RG108,78 Ohm Twinax
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
78
Maximum Operating Voltage, Volts
500
Mechanical Specifications
Size
Length, in [mm]
1.1 [27.94]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
BNC Twinax Plug
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Nickel
Body Material and Plating
Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-twinax-plug-standard-rg108-78-ohm-twinax-connector-pe4236-p.aspx
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax from Pasternack Enterprises has same
day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4236
PE4236 REV


Similar Part No. - PE4236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
PE423641MLAA-Z PSEMI-PE423641MLAA-Z Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
logo
Pan Jit International I...
PE4236CS PANJIT-PE4236CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4236CS_R1_00001 PANJIT-PE4236CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
More results

Similar Description - PE4236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
220Kb / 2P
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE44114 PASTERNACK-PE44114 Datasheet
223Kb / 2P
BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE3480LF PASTERNACK-PE3480LF Datasheet
664Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable Using 78 Ohm RG108 Coax, RoHS
PE3480LF-18 PASTERNACK-PE3480LF-18 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 18 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE3480LF-300 PASTERNACK-PE3480LF-300 Datasheet
648Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 300 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE3480LF-900 PASTERNACK-PE3480LF-900 Datasheet
649Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable 900 Inch Length Using 78 Ohm RG108 Coax, RoHS
PE4236 PASTERNACK-PE4236_16 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
PE4237 PASTERNACK-PE4237_16 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com