Electronic Components Datasheet Search
  English  ▼

X  

PE4238 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4238
Description  BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4238 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4238 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4238 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Twinax Jack Bulkhead Connector Solder
Attachment Solder Cup Terminal, .350 inch D Hole
BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
Configuration
Connector
BNC Twinax Jack
Connector Specification
MIL-STD-348A
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
78
Mechanical Specifications
Size
Length, in [mm]
1.032 [26.21]
Width/Dia., in [mm]
0.5 [13]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
BNC Twinax Jack
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-twinax-jack-standard-solder-cup-terminal-connector-pe4238-p.aspx
BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection
of RF, microwave and fiber optic products.
PE4238
PE4238 REV


Similar Part No. - PE4238

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4238 PASTERNACK-PE4238 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results

Similar Description - PE4238

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4211 PASTERNACK-PE4211 Datasheet
257Kb / 3P
BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4627 PASTERNACK-PE4627 Datasheet
284Kb / 2P
75 Ohm BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4091 PASTERNACK-PE4091 Datasheet
246Kb / 3P
BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4758 PASTERNACK-PE4758 Datasheet
250Kb / 3P
RP BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4015 PASTERNACK-PE4015_16 Datasheet
353Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4211 PASTERNACK-PE4211_17 Datasheet
350Kb / 3P
BNC Male Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com