Electronic Components Datasheet Search
  English  ▼

X  

PE4259 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4259
Description  75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4259 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4259 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4259 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Plug Connector Clamp/Solder
Attachment For RG179, RG187
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
Configuration
Connector
SMC Plug
Connector Specification
MIL-C-39012
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.71 [18.03]
Width/Dia., in [mm]
0.34 [9]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Plug
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-plug-standard-rg179-rg187-connector-pe4259-p.aspx
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4259
PE4259 REV


Similar Part No. - PE4259

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
651Kb / 11P
SPDT High Power UltraCMOS
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
395Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results

Similar Description - PE4259

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4615 PASTERNACK-PE4615 Datasheet
207Kb / 2P
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PE4928 PASTERNACK-PE4928 Datasheet
254Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE4257 PASTERNACK-PE4257 Datasheet
217Kb / 2P
75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4603 PASTERNACK-PE4603 Datasheet
286Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG179, RG187
PE4929 PASTERNACK-PE4929 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4249 PASTERNACK-PE4249 Datasheet
250Kb / 3P
75 Ohm SMC Plug Connector Crimp-Solder Attachment For RG179, RG187
PE4252 PASTERNACK-PE4252 Datasheet
265Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp - Solder Attachment For RG179, RG187
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE4906 PASTERNACK-PE4906 Datasheet
312Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp - Solder Attachment For RG179, RG187
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com