Electronic Components Datasheet Search
  English  ▼

X  

MPAA020 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPAA020
Description  FIELD PROGRAMMABLE ANALOG ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPAA020 Datasheet(HTML) 2 Page - Motorola, Inc

  MPAA020 Datasheet HTML 1Page - Motorola, Inc MPAA020 Datasheet HTML 2Page - Motorola, Inc MPAA020 Datasheet HTML 3Page - Motorola, Inc MPAA020 Datasheet HTML 4Page - Motorola, Inc MPAA020 Datasheet HTML 5Page - Motorola, Inc MPAA020 Datasheet HTML 6Page - Motorola, Inc MPAA020 Datasheet HTML 7Page - Motorola, Inc MPAA020 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPAA020
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
2
Table 2: EasyAnalog Design Software Macros
Macro Type
Definable Parameters
Range
Comparator
Inverting/Non–inverting Reference level One/Two Input
VMR
±2.5 volts
Filters
Low Pass/ High Pass/Band Pass/Band Stop Single–Pole/Biquad/Cosine
Filter Pass Band Gain(s)
±(0.004 to 20)
Q
0.5 to 255
Corner Frequencies
Fclk/250 to Fclk/10
Gain Stages
Inverting/Noninverting/Summing Offset compensating Gain Value
±(0.004 to 20)
Oscillators
Square Wave/Sine Wave Frequency
Fclk/1000 to Fclk/4
Rectifiers
Full/Half Wave Inverting/Noninverting Gain
±(0.004 to 20)
Low Pass Pole
Fclk/250 to Fclk/10
Signal Conditioning
Sample–and–Hold
Track–and–Hold
Miscellaneous
Differentiator / Integrators / Limiter
0.1 to 2.5 volts
Ramp Generator
< 1 Hz to >20 kHz
Table 3: Performance Specifications
Specification
Typical Value
System Master Clock Frequency (clock)
TBD
Internal Sampling Clock Rate
1 MHz (max)
Maximum Signal Frequency – Recommended
– Nyquist
200 kHz
500 kHz
Input Signal Range
0.5 to
(Vdd – 0.5)
Analog Output Drive
100 pF (max)
1 kohm (min)
DC Offset
< 10 mV
Harmonic Distortion – 1 kHz
– 200 kHz
< 0.1%
< 0.5%
Differential Non–Linearity
< 0.15 LSB
Integral Non–Linearity
< 0.24 LSB
Slew Rate
10 V/usec
Signal to Noise Ratio (SNR)
> 60 dB
Power Supply Rejection Ratio (PSRR)
TBD
Power Dissipation (max)
200 mW
Each cell individually selectable
(10 mW/cell)
Operating Temperature Range
–40 to + 85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com