Electronic Components Datasheet Search
  English  ▼

X  

MBR80100 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # MBR80100
Description  Schottky Power Diode, 80A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR80100 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  MBR80100 Datasheet HTML 1Page - Naina Semiconductor ltd. MBR80100 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
MBR8045 thru
MBR80100R
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Schottky Power Diode, 80A
Features
•
Fast Switching
•
Low forward voltage drop
•
High surge capability
•
High efficiency, low power loss
•
Normal and Reverse polarity
Maximum Ratings (TJ = 25
oC, unless otherwise noted)
Parameter
Test
Conditions
Symbol
MBR8045(R)
MBR8060(R)
MBR8080(R)
MBR80100(R)
Unit
Repetitive peak reverse voltage
VRRM
45
60
80
100
V
RMS reverse voltage
VRMS
32
42
57
70
V
DC blocking voltage
VDC
45
60
80
100
V
Continuous forward current
TC ≤ 120
oC
IF
80
80
80
80
A
Surge non-repetitive forward
current, half-sine wave
TC = 25
oC
IFSM
1000
1000
1000
1000
A
Forward voltage
IF = 80 A
TJ = 25
oC
VF
0.65
0.75
0.84
0.84
V
Reverse current
VR = 20V,
TJ = 25
oC
IR
5
5
5
5
mA
VR = 20V,
TJ = 125
oC
250
250
250
250
Thermal & Mechanical Specifications (TJ = 25
oC, unless otherwise noted)
Parameters
Symbol
MBR8045(R)
MBR8060(R)
MBR8080(R)
MBR80100(R)
Unit
Maximum thermal resistance, junction to
case
Rth(JC)
1.0
oC/W
Operating junction temperature range
TJ
-65 to 150
oC
Storage temperature
Tstg
-65 to 175
oC
Mounting torque (non-lubricated threads)
F
4.0
Nm
Approximate allowable weight
W
17.0
g
DO-203AB (DO-5)


Similar Part No. - MBR80100

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR80100 TEL-MBR80100 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
logo
America Semiconductor, ...
MBR80100 AMERICASEMI-MBR80100 Datasheet
569Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIER
logo
Thinki Semiconductor Co...
MBR80100PT THINKISEMI-MBR80100PT Datasheet
3Mb / 3P
80Ampere Heatsink Dual Common Cathode Schottky Barrier Rectifier Diodes
Rev.14T
logo
TRANSYS Electronics Lim...
MBR80100R TEL-MBR80100R Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
logo
America Semiconductor, ...
MBR80100R AMERICASEMI-MBR80100R Datasheet
569Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIER
More results

Similar Description - MBR80100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG80100 FAIRCHILD-RURG80100 Datasheet
328Kb / 4P
80A, 1000V Ultrafast Diode
RURG8060 FAIRCHILD-RURG8060 Datasheet
330Kb / 4P
80A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG80100 INTERSIL-RURG80100 Datasheet
32Kb / 3P
80A, 1000V Ultrafast Diode
January 2000
RURG8060 INTERSIL-RURG8060 Datasheet
32Kb / 3P
80A, 600V Ultrafast Diode
January 2000
RURU80100 INTERSIL-RURU80100 Datasheet
32Kb / 3P
80A, 1000V Ultrafast Diode
January 2000
RURU8060 INTERSIL-RURU8060 Datasheet
32Kb / 3P
80A, 600V Ultrafast Diode
January 2000
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
Schottky Barrier Diode MODULE 80A/30A
logo
TRANSYS Electronics Lim...
FST8220SL TEL-FST8220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
logo
Naina Semiconductor ltd...
MBR8020 NAINA-MBR8020 Datasheet
124Kb / 2P
Schottky Power Diode, 80A
logo
Digitron Semiconductors
MBR8035 DIGITRON-MBR8035 Datasheet
827Kb / 3P
80A SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com