Electronic Components Datasheet Search
  English  ▼

X  

AP2160 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2160
Description  Ultra Low Output Voltage Linear N-FET Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2160 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2160 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2160 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2160 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2160 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2160 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2160 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2160 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2160 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2160 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary Datasheet
Ultra Low Output Voltage Linear N-FET Controller
AP2160
Jan. 2012
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
VCC to GND
VCC
-0.3 to 7
V
DRV to GND
VDRV
-0.3 to VCC+0.3
V
POK to GND
VPOK
-0.3 to VCC+0.3
V
FB to GND
VFB
-0.3 to VCC+0.3
V
EN to GND
VEN
-0.3 to VCC+0.3
V
Operating Junction Temperature
TJ
150
ºC
Power Dissipation (25ºC)
PD
0.4
W
Operating Temperature Range
TOPR
-40 to 85
ºC
Storage Temperature Range
TSTG
-65 to 150
ºC
Lead
Temperature
(Soldering,
10
Seconds)
TLEAD
260
ºC
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage (between VCC and GND)
VCC
4.5
5.5
V
System Input Voltage (between VIN and GND)
VIN
0.5
5.5
V
Ambient Operating Temperature Range
TA
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com