Electronic Components Datasheet Search
  English  ▼

X  

AP3408 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3408
Description  2A, 4MHz High Efficiency Synchronous Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3408 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3408 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3408 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Datasheet
2A, 4MHz High Efficiency Synchronous Buck Converter
AP3408
Jul. 2011
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
2
Pin 1 Dot
by Marking
1
2
3
4
5
10
9
8
7
6
SHDN/RT
SYNC
GND
SW
PGND
COMP
FB
PGOOD
VDD
PVDD
Exposed Pad
Connected to
PGND
1
2
3
4
8
7
6
5
SHDN/RT
GND
SW
PGND
PVDD
VDD
FB
COMP
Exposed Pad
Connected to
PGND
Pin Configuration
DN Package
MP Package
(DFN-3×3-10)
(PSOP-8)
Figure 2. Pin Configuration of AP3408 (Top View)
Pin Description
Pin Number
DFN-3×3-10
PSOP-8
Pin Name
Description
1
1
SHDN/RT
Oscillator resistor input. Connect a resistor to GND from
this pin to set the switching frequency. Forcing this pin to
VDD to shutdown the device
2
SYNC
External clock synchronization input. The oscillation
frequency can be synchronized to an external oscillation
applied to this pin. When tied to VDD, the internal
oscillator is selected
3
2
GND
Signal ground. All small-signal ground, such as the
compensation components and the exposed pad should be
connected to this pin, which in turn connects to PGND at
one point
4
3
SW
Internal power switch output. Connect this pin with one
terminal of the inductor
5
4
PGND
Power ground. Connect this pin as close as possible to CIN
and COUT
6
5
PVDD
Power input supply. Decouple this pin to PGND with a
capacitor
7
6
VDD
Signal input supply. Decouple this pin to GND with a
capacitor. Normally VDD is equal to VPVDD
8
PGOOD
Power Good Indicator. Open-drain logic output that is
pulled to ground when the output voltage is not within ±
12.5% of regulation point
9
7
FB
Feedback voltage. This pin is the inverting input of internal
error amplifier. It senses the converter output voltage
through an external resistor divider. The internal reference
voltage is 0.8V, which determines the output voltage
through the resistor divider
10
8
COMP
Compensation input. This pin is the output of internal error
amplifier. Connect external compensation elements to this
pin to stabilize the control loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com