Electronic Components Datasheet Search
  English  ▼

X  

AP3418 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3418
Description  1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3418 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3418 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3418 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418
Aug. 2012
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3418 is a 1.4MHz fixed frequency, current
mode, PWM synchronous buck (step-down) DC-DC
converter, capable of driving a 1.5A load with high
efficiency, excellent line and load regulation. The
device
integrates
synchronous
P-channel
and
N-channel power MOSFET switches with low
on-resistance. It is ideal for powering portable
equipment that runs from a single Li-ion battery.
A standard series of inductors are available from
several different manufacturers optimized for use
with the AP3418. This feature greatly simplifies the
design of switch-mode power supplies.
The AP3418 is available in SOT-23-5 package.
Features
•
Input Voltage Range: 2.5V to 5.5V
•
Output Voltage: 0.6V to VIN
•
ADJ Output
•
Fixed 1.4MHz Frequency
•
High Efficiency up to 95%
•
Output Current: 1.5A
•
Current Mode Control
•
100% Duty Cycle in Dropout
•
Built-in Over Current Protection
•
Built-in Short Circuit Protection
•
Built-in Thermal Shutdown Protection
•
Built-in UVLO Function
•
Built-in Soft-start
Applications
•
LCD TV
•
Set-top Box
•
Datacom
•
Portable Device
•
Smart Phone
Figure 1. Package Type of AP3418
SOT-23-5


Similar Part No. - AP3418

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 3
AP3418KTR-G1 DIODES-AP3418KTR-G1 Datasheet
522Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 3
More results

Similar Description - AP3418

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H Datasheet
460Kb / 11P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
High Efficiency Synchronous DC/DC Buck Converter
logo
BCD Semiconductor Manuf...
AP3211H BCDSEMI-AP3211H_14 Datasheet
713Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Diodes Incorporated
AP3211 DIODES-AP3211 Datasheet
510Kb / 11P
1.4MHZ,1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com