Electronic Components Datasheet Search
  English  ▼

X  

AP3436 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3436
Description  3A, 1.25MHz High Performance Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3436 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3436 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3436 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
3A, 1.25MHz High Performance Synchronous Buck Converter
AP3436/A
Jan. 2013 Rev. 1.2
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
DN Package
(DFN-3×3-10)
Pin 1 Mark
1
2
3
4
56
7
8
9
10
Figure 2. Pin Configuration of AP3436/A (Top View)
Pin Description
Pin Number
Pin Name
Function
1
FB
Voltage Feedback Input. Connect to VOUT through a voltage
divider to set the output voltage
2
VCC
Analog Power Input
3
VIN
Power Input
4, 5
GND
Ground. Must be Connected to GND on PCB
6, 7
SW
Power Switch Output
8
BOOT
High Side Switch Driver Supply
9
PGOOD
Open Drain Power Good Output
10
EN
Enable
11
Exposed Pad
Thermal Connection to the PCB. Must be connected to GND
on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com