Electronic Components Datasheet Search
  English  ▼

X  

AS321 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS321 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AS321_10 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS321_10 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS321_10 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS321_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS321_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS321_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS321_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS321_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS321_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LOW POWER SINGLE OPERATIONAL AMPLIFIER
AS321
Data Sheet
3
May. 2010 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Power Supply Voltage
VS
(VCC-VEE)
40
V
Differential Input Voltage
VID
40
V
Input Voltage
VIN
-0.3 to 40
V
Thermal Resistance to Ambient
Rθ JA
260
oC/W
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 Seconds)
TLEAD
260
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
336
V
Ambient Operating Temperature Range
TA
-40
85
oC
Ordering Information
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
Package
Temperature Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
SOT-23-5
-40 to 85oC
AS321KTR-E1
AS321KTR-G1
E6T
G6T
Tape & Reel
Circuit Type
Package
E1: Lead Free
AS321
TR: Tape and Reel
K: SOT-23-5
-
G1: Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com