Electronic Components Datasheet Search
  English  ▼

X  

AS324 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AS324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AS324 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Jan. 2013 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Mechanical Dimension (Continued)
SOIC-14
Unit: mm(inch)
φ
φ
Note: Eject hole, oriented hole and mold mark is optional.
8.550(0.337)
7°
7°
0.700(0.028)
0.100(0.004)
0.250(0.010)
0.500(0.020)
1°
R0.200(0.008)
20:1
A
0.280(0.011) ×45°
8°
A
8°
9.5°
8°
0°
8°
Depth 0.060(0.002)
0.100(0.004)
2.000(0.079)
1.270(0.050)
8.750(0.344)
0.250(0.010)
3.800(0.150)
4.000(0.157)
0.330(0.013)
0.510(0.020)
0.600(0.024)
5°
R0.200(0.008)
0.250(0.010)
0.200(0.008)MIN
0.480(0.019)×45°
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com