Electronic Components Datasheet Search
  English  ▼

X  

V2DIP2-32 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # V2DIP2-32
Description  Designed to allow rapid development of designs using the VNC2-32Q IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2DIP2-32 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button V2DIP2-32 Datasheet HTML 4Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 5Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 6Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 7Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 8Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 9Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 10Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 11Page - Future Technology Devices International Ltd. V2DIP2-32 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
7
Document Reference No.: FT_000164
V2DIP2-32 VNCL2-32Q Development Module Datasheet Version 1.01
Clearance No.: FTDI# 151
3.3 Default Interface I/O Pin Configuration
The 32 pin QFN VNC2-32Q device is delivered without any firmware pre-loaded. As such the IOMUX will
provide a default pinout as shown in Table 3.2
Pin
No.
Pin
Name
on PCB
Type
Data and Control Bus Configuration
Options
UART
Interface
SPI Slave
Interface
SPI
Master
Interface
Parallel
FIFO
Interface
Debugger
Interface
J2-10
IO0
I/O
NA
NA
NA
NA
Debug_if
J1-6
IO4
I/O
uart_txd
NA
NA
NA
NA
J1-8
IO5
I/O
uart_rxd
NA
NA
NA
NA
J1-9
IO6
I/O
uart_rts#
NA
NA
NA
NA
J1-10
IO7
I/O
uart_cts#
NA
NA
NA
NA
J1-11
IO8
I/O
NA
spi_s0_clk
NA
NA
NA
J1-12
IO9
I/O
NA
spi_s0_mosi
NA
NA
NA
J2-12
IO10
I/O
NA
spi_s0_miso
NA
NA
NA
J2-11
IO11
I/O
NA
spi_s0_ss#
NA
NA
NA
Table 3.2 - Default Interface I/O Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com