Electronic Components Datasheet Search
  English  ▼

X  

RS201 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RS201
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS201 Datasheet(HTML) 2 Page - Rectron Semiconductor

  RS201_13 Datasheet HTML 1Page - Rectron Semiconductor RS201_13 Datasheet HTML 2Page - Rectron Semiconductor RS201_13 Datasheet HTML 3Page - Rectron Semiconductor RS201_13 Datasheet HTML 4Page - Rectron Semiconductor RS201_13 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
AMBIENT TEMPERATURE, (
OC)
0
0.1
0.4
0.01
0.04
1.0
4
0
0.4
0.8
1.2
2.0
1.6
2.0
1.5
0.5
1.0
3.0
2.5
3.5
150
100
50
0
0
20
1.0
0.1
10
100
1000
120
100
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( RS201 THRU RS207 )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
0
30
40
50
10
20
60
5
2
10
20
50
100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
SURGE CURRENT
Single Phase Half Wave
60 Hz Inductive or
Resistive Load
TA = 100 OC
TA = 25 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25 OC
Pulse Width = 300mS
1% Duty Cycle



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com