Electronic Components Datasheet Search
  English  ▼

X  

ARS252 Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # ARS252
Description  BUTTON DIODES VOLTAGE RANGE 100 TO 600 VOLTSCURRENT 25AMPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

ARS252 Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  ARS252 Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD ARS252 Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Case: transfer molded plastic
Technology: vcauum soldered
Polarity: color ring denotes cathode
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weigth: AR 1.80 grams, ARS 1.60 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols
AR251
ARS251
AR252
ARS252
AR253
ARS253
AR254
ARS254
AR256
ARS256
Units
Maximum repetitive peak reverse voltage
VRRM
100
200
300
400
600
Volts
Maximum RM S voltage
VRMS
70
140
210
280
420
Volts
Maximum DC blocking voltage
VDC
100
200
300
400
600
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
25
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
400
Amps
Rating for fusing(t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous forward voltage
drop at 100A
VF
1.1
Volts
Maximum DC reverse current TA=25
oC
IR
5.0
uA
at rated DC blocking voltage TA=150
oC
450
Typical thermal resistance
RθJC
1.0
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
AR251/ARS251
THRU
AR256/ARS256
BUTTON DIODES
VOLTAGE RANGE
100 TO 600 VOLTS
CURRENT 25AMPS
Dimensions in inches and millimeters
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.410(10.4)
.380( 9.7)
DIA
DIA
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.346(8.8)
.327(8.2)
DIA
DIA
AR
ARS
KI SEMICONDUCTOR
KI SEMICONDUCTOR


Similar Part No. - ARS252

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ARS252 BILIN-ARS252 Datasheet
207Kb / 2P
AUTOMOTIVE RECTIFIER
logo
TAITRON Components Inco...
ARS252 TAITRON-ARS252 Datasheet
130Kb / 4P
25A Automotive Rectifiers
logo
MIC GROUP RECTIFIERS
ARS252 MIC-ARS252 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
ARS252 CHENYI-ARS252 Datasheet
151Kb / 2P
BUTTON DIODES
logo
Shanghai Shunye Electro...
ARS252 SHUNYE-ARS252 Datasheet
439Kb / 2P
AUTOMOTIVE RECTIFIERS
More results

Similar Description - ARS252

ManufacturerPart #DatasheetDescription
logo
Dc Components
DCR72-3 DCCOM-DCR72-3 Datasheet
35Kb / 1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
DCR100-3 DCCOM-DCR100-3 Datasheet
216Kb / 1P
TECHNICAL SPECIFICATIONS OF SENSITIVE GATE SILICON CONTROLLED RECTIFIERS VOLTAGE RANGE - 100 to 600 Volts
logo
Yea Shin Technology Co....
SF801 YEASHIN-SF801 Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
SF801F YEASHIN-SF801F Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
SF1001 YEASHIN-SF1001 Datasheet
38Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
SF1001CT YEASHIN-SF1001CT Datasheet
67Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
SF1001FCT YEASHIN-SF1001FCT Datasheet
86Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
logo
ZP Semiconductor
ARL2501 ZPSEMI-ARL2501 Datasheet
201Kb / 2P
VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL2502 ZPSEMI-ARL2502 Datasheet
201Kb / 2P
VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL2504 ZPSEMI-ARL2504 Datasheet
201Kb / 2P
VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com