Electronic Components Datasheet Search
  English  ▼

X  

FMMT618TA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT618TA
Description  20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT618TA Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT618TA Datasheet HTML 1Page - Diodes Incorporated FMMT618TA Datasheet HTML 2Page - Diodes Incorporated FMMT618TA Datasheet HTML 3Page - Diodes Incorporated FMMT618TA Datasheet HTML 4Page - Diodes Incorporated FMMT618TA Datasheet HTML 5Page - Diodes Incorporated FMMT618TA Datasheet HTML 6Page - Diodes Incorporated FMMT618TA Datasheet HTML 7Page - Diodes Incorporated FMMT618TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FMMT618
Document number: DS33111 Rev. 5 - 2
4 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT618
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
20
100
-
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
20
27
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
8.3
-
V
IE = 100µA
Collector Cut-off Current
ICBO
-
-
100
nA
VCB =20V
Emitter Cut-off Current
IEBO
-
-
100
nA
VEB = 4V
Collector Emitter Cut-off Current
ICES
-
-
100
nA
VCES =20V
Static Forward Current Transfer Ratio (Note 9)
hFE
200
300
200
100
400
450
340
150
-
-
-
-
-
IC = 10mA, VCE = 2V
IC = 200mA, VCE = 2V
IC = 2A, VCE = 2V
IC = 6A, VCE = 2V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
-
-
-
8
70
130
15
150
200
mV
IC =0.1A, IB = 10mA
IC =1A, IB = 10mA
IC =2.5A, IB = 50mA
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
-
0.89
1.0
V
IC =2.5A, IB = 50mA
Base-Emitter Saturation Voltage (Note 9)
VBE(on)
-
0.83
1.0
V
IC =2.5A, VCE = 2V
Transition Frequency
fT
100
140
-
MHz
IC = 50mA, VCE = 10V,
f=100MHz
Collector Output Capacitance
Cobo
-
23
30
pF
VCB = 10V, f=1MHz
Turn-On Time
t(on)
-
170
-
ns
VCC = 10V, IC = 1A,
IB1 = -IB2 = 10mA
Turn-Off Time
t(off)
-
400
-
ns
Notes:
9. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com