Electronic Components Datasheet Search
  English  ▼

X  

AD7656 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7656
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7656 Datasheet HTML 7Page - Analog Devices AD7656 Datasheet HTML 8Page - Analog Devices AD7656 Datasheet HTML 9Page - Analog Devices AD7656 Datasheet HTML 10Page - Analog Devices AD7656 Datasheet HTML 11Page - Analog Devices AD7656 Datasheet HTML 12Page - Analog Devices AD7656 Datasheet HTML 13Page - Analog Devices AD7656 Datasheet HTML 14Page - Analog Devices AD7656 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD7656/AD7657/AD7658
Rev. D | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
AVCC
46
AVCC
45
V5
42
V4
43
AGND
44
AGND
48
V6
41
AVCC
40
AVCC
39
V3
37
AGND
36
V2
35
AVCC
34
AVCC
33
V1
38
AGND
2
DB13
3
DB12
4
DB11
7
DB8/DOUT A
6
DB9/DOUT B
5
DB10/DOUT C
1
DB14/REFBUFEN/DIS
8
DGND
9
VDRIVE
10
DB7/HBEN/DCEN
12
DB5/DCIN A
13
DB4/DCIN B
14
DB3/DCIN C
15
DB2/SEL C
16
DB1/SEL B
11
DB6/SCLK
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
PIN 1
AD7656/AD7657/AD7658
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
54, 56, 58
REFCAPA, REFCAPB,
REFCAPC
Decoupling capacitors are connected to these pins. This decouples the reference buffer for each
ADC pair. Each REFCAP pin should be decoupled to AGND using 10 µF and 100 nF capacitors.
33, 36, 39,
42, 45, 48
V1 to V6
Analog Input 1 to 6. These are six single-ended analog inputs. In hardware mode, the analog input
range on these channels is determined by the RANGE pin. In software mode, it is determined by
Bit RNGC to Bit RNGA of the control register (see Table 10).
32, 37, 38, 43,
44, 49, 52, 53,
55, 57, 59
AGND
Analog Ground. Ground reference point for all analog circuitry on the AD7656/AD7657/AD7658.
All analog input signals and any external reference signal should be referred to this AGND voltage.
All 11 of these AGND pins should be connected to the AGND plane of a system. The AGND and
DGND voltages should ideally be at the same potential and must not be more than 0.3 V apart,
even on a transient basis.
26
DVCC
Digital Power, 4.75 V to 5.25 V. The DVCC and AVCC voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis. This supply should be decoupled
to DGND, and 10 µF and 100 nF decoupling capacitors should be placed on the DVCC pin.
9
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines the operating voltage of
the interface. Nominally at the same supply as the supply of the host interface. This pin should be
decoupled to DGND, and 10 µF and 100 nF decoupling capacitors should be placed on the VDRIVE pin.
8, 25
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7656/AD7657/AD7658.
Both DGND pins should connect to the DGND plane of a system. The DGND and AGND voltages should
ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
34, 35, 40,
41, 46, 47,
50, 60
AVCC
Analog Supply Voltage, 4.75 V to 5.25 V. This is the supply voltage for the ADC cores. The AVCC and
DVCC voltages should ideally be at the same potential and must not be more than 0.3 V apart, even
on a transient basis. These supply pins should be decoupled to AGND, and 10 µF and 100 nF
decoupling capacitors should be placed on the AVCC pins.
23, 22, 21
CONVST A,
CONVST B, CONVST C
Conversion Start Input A, B, C. These logic inputs are used to initiate conversions on the ADC pairs.
CONVST A is used to initiate simultaneous conversions on V1 and V2. CONVST B is used to initiate
simultaneous conversions on V3 and V4. CONVST C is used to initiate simultaneous conversions on
V5 and V6. When CONVSTx switches from low to high, the track-and-hold switch on the selected
ADC pair switches from track to hold and the conversion is initiated. These inputs can also be used
to place the ADC pairs into partial power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com