Electronic Components Datasheet Search
  English  ▼

X  

AD7657BSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD7657BSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7657BSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7657BSTZ Datasheet HTML 24Page - Analog Devices AD7657BSTZ Datasheet HTML 25Page - Analog Devices AD7657BSTZ Datasheet HTML 26Page - Analog Devices AD7657BSTZ Datasheet HTML 27Page - Analog Devices AD7657BSTZ Datasheet HTML 28Page - Analog Devices AD7657BSTZ Datasheet HTML 29Page - Analog Devices AD7657BSTZ Datasheet HTML 30Page - Analog Devices AD7657BSTZ Datasheet HTML 31Page - Analog Devices AD7657BSTZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD7656/AD7657/AD7658
Rev. D | Page 29 of 32
APPLICATION HINTS
LAYOUT
The printed circuit board that houses the AD7656/AD7657/
AD7658 should be designed so that the analog and digital
sections are separated and confined to certain areas of the board.
At least one ground plane should be used. It could be common
or split between the digital and analog sections. In the case of
the split plane, the digital and analog ground planes should be
joined in only one place, preferably underneath the AD7656/
AD7657/AD7658, or at least as close as possible to each part.
If the AD7656/AD7657/AD7658 are in a system where multiple
devices require analog-to-digital ground connections, the con-
nection should still be made at only one point, a star ground
point, which should be established as close as possible to the
AD7656/AD7657/AD7658. Good connections should be made
to the ground plane. Avoid sharing one connection for multiple
ground pins. Individual vias or multiple vias to the ground
plane should be used for each ground pin.
Avoid running digital lines under the devices because doing so
couples noise onto the die. The analog ground plane should be
allowed to run under the AD7656/AD7657/AD7658 to avoid
noise coupling. Fast-switching signals like CONVST or clocks
should be shielded with digital ground to avoid radiating noise
to other sections of the board, and they should never run near
analog signal paths. Crossover of digital and analog signals
should be avoided. Traces on different but close layers of the
board should run at right angles to each other to reduce the
effect of feedthrough through the board.
The power supply lines to the AVCC, DVCC, VDRIVE, VDD, and VSS
pins on the AD7656/AD7657/AD7658 should use as large a
trace as possible to provide low impedance paths and reduce the
effect of glitches on the power supply lines. Good connections
should be made between the AD7656/AD7657/AD7658 supply
pins and the power tracks on the board; this should involve the
use of a single via or multiple vias for each supply pin.
Good decoupling is also important to lower the supply
impedance presented to the AD7656/AD7657/AD7658 and to
reduce the magnitude of the supply spikes. Decoupling ceramic
capacitors, typically 100 nF, should be placed on all of the power
supply pins, VDD, VSS, AVCC, DVCC, and VDRIVE. These decoupling
capacitors should be placed close to, ideally right up against,
these pins and their corresponding ground pins. Additionally,
low ESR 10 μF capacitors should be placed on each of the
supply pins. Avoid sharing these capacitors between pins. Use
big vias to connect the capacitors to the power and ground
planes. Use wide, short traces between the via and the capacitor
pad, or place the via adjacent to the capacitor pad to minimize
parasitic inductances. Recommended decoupling capacitors are
100 nF, low ESR, ceramic capacitors (Farnell 335-1816) and
10 μF, low ESR, tantalum capacitors (Farnell 197-130) for the
AVCC decoupling. A large tantalum decoupling capacitor should
be placed where the AVCC supply enters the board.
An alternative reduced decoupling arrangement is outlined in
the Typical Connection Diagram section. This decoupling
arrangement groups the AVCC supply pins into pairs and allows
the decoupling capacitors to be shared between the supply pairs.
Group the six AVCC core supply pins into three pairs, Pin 34 and
Pin 35, Pin 40 and Pin 41, and Pin 46 and Pin 47. Connect the
supply pins in each pair together; their location on the AD7656/
AD7657/AD7658 pin configuration easily facilitates this. For
the AD7656, decouple each pair with a 100 µF capacitor; for the
AD7657, decouple each pair with a 33 µF capacitor; for the
AD7658, decouple each pair with a 22 µF capacitor. For this
minimum decoupling configuration, all other supply and
reference pins should be decoupled with a 10 µF decoupling
capacitor.
POWER SUPPLY CONFIGURATION
As outlined in the Absolute Maximum Ratings section, the
analog inputs should not be applied to the AD7656/AD7657/
AD7658 until after the AD7656/AD7657/AD7658 power
supplies have been applied to the device. However, if a
condition exists where the system analog signal conditioning
circuitry supplies are different to the VDD and VSS supplies of
the AD7656/AD7657/AD7658, or if the analog inputs may be
applied prior to the AD7656/AD7657/AD7658 supplies being
established, then an analog input series resister and Schottky
diodes in series with the VDD and VSS supplies are recom-
mended, see Figure 36. This configuration should also be
used if AVCC is applied to the AD7656/AD7657/AD7658
prior to VDD and VSS.
V1
VDD
VSS
VSS
VDD
240Ω
ANALOG
INPUTS
V2
V3
AD7656/
AD7657/
AD7658
V4
V5
V6
Figure 36. Power Supply Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com