Electronic Components Datasheet Search
  English  ▼

X  

AD7658 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7658
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7658 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7658 Datasheet HTML 13Page - Analog Devices AD7658 Datasheet HTML 14Page - Analog Devices AD7658 Datasheet HTML 15Page - Analog Devices AD7658 Datasheet HTML 16Page - Analog Devices AD7658 Datasheet HTML 17Page - Analog Devices AD7658 Datasheet HTML 18Page - Analog Devices AD7658 Datasheet HTML 19Page - Analog Devices AD7658 Datasheet HTML 20Page - Analog Devices AD7658 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD7656/AD7657/AD7658
Rev. D | Page 17 of 32
120
60
0
FREQUENCY OF INPUT NOISE (kHz)
AVCC/DVCC/VDRIVE = 5V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
±2 × VREF RANGE
30kHz ON SELECTED CHANNEL
110
100
90
80
70
20
40
60
80
100
120
140
Figure 22. Channel-to-Channel Isolation
30
0
–40
100
TEMPERATURE (°C)
25
20
15
10
5
–20
0
20
40
60
80
±10V RANGE
±5V RANGE
AVCC/DVCC/VDRIVE = +5V
fSAMPLE = 250kSPS
FOR ±5V RANGE VDD/VSS = ±12V
FOR ±10V RANGE VDD/VSS = ±16.5V
Figure 23. Dynamic Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com