Electronic Components Datasheet Search
  English  ▼

X  

2SD315AI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 2SD315AI
Description  Dual SCALE Driver Core for IGBTs and Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2SD315AI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 2SD315AI Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 4Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 5Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 6Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 7Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 8Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 9Page - List of Unclassifed Manufacturers 2SD315AI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SCALE Driver
2SD315AI Data Sheet
Page 6
INTELLIGENT POWER ELECTRONICS
Mechanical fixing
The 2SD315AI driver has two holes each 3.2mm in diameter. They allow additional
fixing of the driver for applications requiring very high resistance to shaking/vibration
(railways, traction systems, electrically-driven vehicles, etc.). See Fig. 3 (bottom).
Absolute Maximum Ratings
Parameter
Test conditions
min max
unit
Supply voltage
VDC
0
16
Vdc
Supply voltage
VDD
0
16
Vdc
Logic input voltage
to GND
0
VDD
Vdc
Gate peak current
Iout
Gx to Ex
-18 +18
A
Output power DC/DC converter total for both channels
6
W
Operating voltage
continuous (see Note 8)
1200
Vdc
Test voltage (50Hz/1min)
inputs to outputs (see Note 11)
4000
VAC(eff)
Operating temperature
(see Note 10)
-40 +85
°C
Storage temperature
-40 +90
°C
All data refer to +25°C and
VDD = VDC = 15V unless otherwise specified
Electrical Characteristics
Power supply
Test conditions
min typ max
unit
Nominal supply voltage
VDC
to GND (see Note 1)
15
Vdc
Supply current
IDC
without load
30
mA
Max. supply current
IDC
(see Note 2)
470
mA
Output power DC/DC converter (see Note 3)
6
W
Efficiency η
internal DC/DC converter
85
%
Nominal supply voltage
VDD
to GND
15
Vdc
Supply current
IDD
without load
12
mA
Supply current
IDD
at 25kHz switching frequency
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com