Electronic Components Datasheet Search
  English  ▼

X  

28016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 28016
Description  For perfect straight cuts in wood, non-ferrous metals, plastic and PC cards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

28016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  28016 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28016 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28016 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28016 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For perfect straight cuts in wood, non-
ferrous metals, plastic and PC cards.
Bench circular saw KS 230
The 58mm diameter super-cut blade cuts soft woods up to 8mm. The 85W VDE tested motor
is quiet, operates off 220 - 240V and has a prolonged life expectancy. Cutting performance: in
wood up to 8mm, plastics (Pertinax too) to approx. 3mm, non-ferrous metals to approx.
1.5mm. Even fibreglass reinforced PC cards can be cut with the tungsten blade. The side door
allows easy sawdust removal. Overall size approx. 240 x 180 x 80mm. Weight approx. 1.8kg.
NO 27 006


Similar Part No. - 28016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2801616 PHOENIX-2801616 Datasheet
220Kb / 5P
CB RC BRIDGE - Bridge
logo
Festo Corporation.
2801627 FESTO-2801627 Datasheet
64Kb / 1P
Parallel kit
12/26/22
logo
PHOENIX CONTACT
2801635 PHOENIX-2801635 Datasheet
302Kb / 7P
FLT 35 CTRL-4.0 - Type 12 combined lightning current and surge arrester
2801637 PHOENIX-2801637 Datasheet
305Kb / 7P
FLT 50 N/PE CTRL-4.0 - Type 12 combined lightning current and surge arrester
More results

Similar Description - 28016

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HB-HRM-JJ HIROSE-HB-HRM-JJ Datasheet
36Kb / 1P
Cuts DC and Supplies Voltage
IC13T-68D-FEJ HIROSE-IC13T-68D-FEJ Datasheet
216Kb / 8P
FPC Connectors for CardBus PC Cards
logo
Toshiba Semiconductor
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
PBX Telecommunication Modem® AX Cards, Modems In PC Measurement Instrumentation
18-Apr-2002
logo
ALPS ELECTRIC CO.,LTD.
SCAK ALPS-SCAK Datasheet
493Kb / 3P
Connector for Connection with PC Cards Supporting CardBus
logo
Toshiba Semiconductor
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
Modem - Fax Cards, Modems in PC
TLP176G TOSHIBA-TLP176G_14 Datasheet
217Kb / 7P
Modems In PC Modem?묯ax Cards Telecommunications
logo
Kingston Technology Far...
MKF-951 KINGSTON-MKF-951 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
OM8PDP364B-A01 KINGSTON-OM8PDP364B-A01 Datasheet
29Mb / 2P
Perfect storage solutions for system designers and builders
OCP0S3128Q-A0 KINGSTON-OCP0S3128Q-A0 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
OM8PGP4128P-A0 KINGSTON-OM8PGP4128P-A0 Datasheet
300Kb / 2P
Perfect storage solutions for system designers and builders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com