Electronic Components Datasheet Search
  English  ▼

X  

STM32F103xC Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F103xC
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103xC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F103xC Datasheet HTML 6Page - STMicroelectronics STM32F103xC Datasheet HTML 7Page - STMicroelectronics STM32F103xC Datasheet HTML 8Page - STMicroelectronics STM32F103xC Datasheet HTML 9Page - STMicroelectronics STM32F103xC Datasheet HTML 10Page - STMicroelectronics STM32F103xC Datasheet HTML 11Page - STMicroelectronics STM32F103xC Datasheet HTML 12Page - STMicroelectronics STM32F103xC Datasheet HTML 13Page - STMicroelectronics STM32F103xC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
Description
STM32F103xC, STM32F103xD, STM32F103xE
10/130
Doc ID 14611 Rev 8
2
Description
The STM32F103xC, STM32F103xD and STM32F103xE performance line family
incorporates the high-performance ARM® Cortex™-M3 32-bit RISC core operating at a
72 MHz frequency, high-speed embedded memories (Flash memory up to 512 Kbytes and
SRAM up to 64 Kbytes), and an extensive range of enhanced I/Os and peripherals
connected to two APB buses. All devices offer three 12-bit ADCs, four general-purpose 16-
bit timers plus two PWM timers, as well as standard and advanced communication
interfaces: up to two I2Cs, three SPIs, two I2Ss, one SDIO, five USARTs, an USB and a
CAN.
The STM32F103xx high-density performance line family operates in the –40 to +105 °C
temperature range, from a 2.0 to 3.6 V power supply. A comprehensive set of power-saving
mode allows the design of low-power applications.
These features make the STM32F103xx high-density performance line microcontroller
family suitable for a wide range of applications such as motor drives, application control,
medical and handheld equipment, PC and gaming peripherals, GPS platforms, industrial
applications, PLCs, inverters, printers, scanners, alarm systems video intercom, and HVAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com