Electronic Components Datasheet Search
  English  ▼

X  

STM32F103xC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F103xC
Description  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103xC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F103xC Datasheet HTML 1Page - STMicroelectronics STM32F103xC Datasheet HTML 2Page - STMicroelectronics STM32F103xC Datasheet HTML 3Page - STMicroelectronics STM32F103xC Datasheet HTML 4Page - STMicroelectronics STM32F103xC Datasheet HTML 5Page - STMicroelectronics STM32F103xC Datasheet HTML 6Page - STMicroelectronics STM32F103xC Datasheet HTML 7Page - STMicroelectronics STM32F103xC Datasheet HTML 8Page - STMicroelectronics STM32F103xC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
April 2011
Doc ID 14611 Rev 8
1/130
1
STM32F103xC STM32F103xD
STM32F103xE
High-density performance line ARM-based 32-bit MCU with 256 to
512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
Features
■ Core: ARM 32-bit Cortex™-M3 CPU
– 72 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance at 0 wait state memory
access
– Single-cycle multiplication and hardware
division
■ Memories
– 256 to 512 Kbytes of Flash memory
– up to 64 Kbytes of SRAM
– Flexible static memory controller with 4
Chip Select. Supports Compact Flash,
SRAM, PSRAM, NOR and NAND memories
– LCD parallel interface, 8080/6800 modes
■ Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR, and programmable voltage
detector (PVD)
– 4-to-16 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC with calibration
– 32 kHz oscillator for RTC with calibration
■ Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
■ 3 × 12-bit, 1 µs A/D converters (up to 21
channels)
– Conversion range: 0 to 3.6 V
– Triple-sample and hold capability
– Temperature sensor
■ 2 × 12-bit D/A converters
■ DMA: 12-channel DMA controller
– Supported peripherals: timers, ADCs, DAC,
SDIO, I2Ss, SPIs, I2Cs and USARTs
■ Debug mode
– Serial wire debug (SWD) & JTAG interfaces
– Cortex-M3 Embedded Trace Macrocell™
■ Up to 112 fast I/O ports
– 51/80/112 I/Os, all mappable on 16
external interrupt vectors and almost all
5 V-tolerant
■ Up to 11 timers
– Up to four 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– 2 × 16-bit motor control PWM timers with
dead-time generation and emergency stop
– 2 × watchdog timers (Independent and
Window)
– SysTick timer: a 24-bit downcounter
– 2 × 16-bit basic timers to drive the DAC
■ Up to 13 communication interfaces
– Up to 2 × I2C interfaces (SMBus/PMBus)
– Up to 5 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– Up to 3 SPIs (18 Mbit/s), 2 with I2S
interface multiplexed
– CAN interface (2.0B Active)
– USB 2.0 full speed interface
– SDIO interface
■ CRC calculation unit, 96-bit unique ID
■ ECOPACK® packages
Table 1.
Device summary
Reference
Part number
STM32F103xC
STM32F103RC STM32F103VC
STM32F103ZC
STM32F103xD
STM32F103RD STM32F103VD
STM32F103ZD
STM32F103xE
STM32F103RE STM32F103ZE
STM32F103VE
FBGA
LQFP64 10 × 10 mm,
LQFP100 14 × 14 mm,
LQFP144 20 × 20 mm
LFBGA100 10 × 10 mm
LFBGA144 10 × 10 mm
WLCSP64
www.st.com


Similar Part No. - STM32F103xC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103XC STMICROELECTRONICS-STM32F103XC Datasheet
1Mb / 118P
Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
22-May-2008
STM32F103xC STMICROELECTRONICS-STM32F103xC Datasheet
1Mb / 123P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
24-Sep-2009
STM32F103xC STMICROELECTRONICS-STM32F103xC Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
19-Apr-2011
STM32F103XC STMICROELECTRONICS-STM32F103XC Datasheet
3Mb / 143P
High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
10-Jul-2018
STM32F103XC STMICROELECTRONICS-STM32F103XC_09 Datasheet
1Mb / 123P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
24-Sep-2009
More results

Similar Description - STM32F103xC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103XC STMICROELECTRONICS-STM32F103XC_09 Datasheet
1Mb / 123P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
24-Sep-2009
STM32F103X4 STMICROELECTRONICS-STM32F103X4_13 Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
14-May-2013
STM32F103VDT6 STMICROELECTRONICS-STM32F103VDT6 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
19-Apr-2011
STM32F103ZCH6 STMICROELECTRONICS-STM32F103ZCH6 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
19-Apr-2011
STM32F103ZDT6 STMICROELECTRONICS-STM32F103ZDT6 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
19-Apr-2011
STM32F103ZEH6 STMICROELECTRONICS-STM32F103ZEH6 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
19-Apr-2011
STM32F103ZEH7 STMICROELECTRONICS-STM32F103ZEH7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
19-Apr-2011
STM32F103RCT7 STMICROELECTRONICS-STM32F103RCT7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
19-Apr-2011
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
STM32F103XC STMICROELECTRONICS-STM32F103XC_V01 Datasheet
3Mb / 143P
High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
10-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com