Electronic Components Datasheet Search
  English  ▼

X  

MPC903 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC903
Description  1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC903 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC903 Datasheet HTML 1Page - Motorola, Inc MPC903 Datasheet HTML 2Page - Motorola, Inc MPC903 Datasheet HTML 3Page - Motorola, Inc MPC903 Datasheet HTML 4Page - Motorola, Inc MPC903 Datasheet HTML 5Page - Motorola, Inc MPC903 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPC903 MPC904 MPC905
TIMING SOLUTIONS
BR1333 — REV 5
3
MOTOROLA
AC CHARACTERISTICS (TA = 0–70°C; VDD = 3.3V ±0.3V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Operating
Using External Crystal
Frequency
Using External Clock Source
TBD
DC
50
100
MHz
tpw
Output Pulse Width
HIGH (Above 2.0V)
LOW (Below 0.8V)
HIGH (Above 2.0V)
LOW (Below 0.8V)
0.40T1
0.40T1
0.45T2
0.45T2
0.60T1
0.60T1
0.55T2
0.55T2
T = Periods
tper
Output Period
T – 400ps
T = Desired Period
tos
Output-to-Output Skew
Rising Edges
Falling Edges
400
500
ps
tr, tf
Rise/Fall Times (Slew Rate)
1
4
V/ns
Series Terminated
Transmission Lines
tEN
Enable Time
Enable1
Enable2
5
4
ms
Cycles
tDIS
Disable Time
Enable1
Enable2
4
4
Cycles
Aosc
XTAL_IN to XTAL_OUT Oscillator Gain
6
db
Phase
Loop Phase Shift Modulo 360
° +
30
Degrees
1. Assuming input duty cycle specs from Recommended Operationg Conditions table are met.
2. Assuming external crystal or 50% duty cycle external reference is used.
Figure 1. Crystal Oscillator Interface
(Fundamental)
100
Ω
Pin 1
Pin 16
Y1
33.3333MHz
16pF
10pF
C1
C3
Figure 2. Crystal Oscillator Interface
(3rd Overtone)
CTRAP
Pin 1
Pin 16
Y1
11.1111MHz
16pF
10pF
C1
C3
LTRAP
fFUND +
1
2
p LTRAP CTRAP
Table 1. Crystal Specifications
Parameter
Value
Crystal Cut
Fundamental AT Cut
Resonance
Parallel Resonance*
Frequency Tolerance
±75ppm at 25°C
Frequency/Temperature Stability
±150pm 0 to 70°C
Operating Range
0 to 70
°C
Shunt Capacitance
5–7pF
Equivalent Series Resistance (ESR)
50 to 80
Ω
Correlation Drive Level
100
µW
Aging
5ppm/Yr (First 3 Years)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com