Electronic Components Datasheet Search
  English  ▼

X  

ACE25C400 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE25C400
Description  4MB Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C400 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE25C400 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C400 Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ACE25C400
4MB Serial Flash Memory
VER 1.2
9
Status Register Protect bit / Lock_bit (SRP/LB)
The Status Register Protect (SRP) bit is operated in conjunction with the Write Protect (WP#) signal.
The Status Register Write Protect (SRP) bit and Write Protect (WP#) signal allow the device to be put
in the Hardware Protected mode (when the Status Register Protect ( SRP) bit is set to 1, and Write
Protect (WP#) is driven Low). In this mode, the non-volatile bits of the Status Register (SRP, BP2,
BP1, BP0) become read-only bits and the Write Status Register (WRSR) instruction is no longer
accepted for execution.
In OTP mode, this bit is served as Lock_bit (LB), user can read/program/erase security sector as
normal sector while LB value is equal 0, after LB is programmed with 1 by WRSR command, the
security sector is protected from program and erase operation. The LB can only be programmed once.
Note: In OTP mode, the WRSR command will ignore any input data and program LB to 1, user must clear the protect bits
before enter OTP mode and program the OTP code, then execute WRSR command to lock the security sector before
leaving OTP mode.
Status Register Memory Protection
Status Register Content
Memory Content
BP2 bit
BP1 bit
BP0 bit
Protect Areas
Address
Density
Portion
0
0
0
None
None
None
None
0
0
1
None
None
None
None
0
1
0
None
None
None
None
0
1
1
Sector 0~119
000000h~077FFFh
480KB
Lower 120/128
1
0
0
Sector 0~111
000000h~06FFFFh
448KB
Lower 112/128
1
0
1
Sector 0~95
000000h~05FFFFh
384KB
Lower 96/128
1
1
0
Sector 0~63
000000h~03FFFFh
256KB
Lower 64/128
1
1
1
All
000000h~07FFFFh
512KB
All
Instructions
The Standard/Dual SPI instruction set of the ACE25C400 consists of 17 basic instructions that are
fully controlled through the SPI bus (see Table 4~Table 5 Instruction Set). Instructions are initiated
with the falling edge of Chip Select (CS#). The first byte of data clocked into the DI input provides the
instruction code. Data on the DI input is sampled on the rising edge of clock with most significant bit
(MSB) first.
Instructions vary in length from a single byte to several bytes and may be followed by addre ss bytes,
data bytes, dummy bytes (don’t care), and in some cases, a combination. Instructions are completed
with the rising edge of edge CS#. Clock relative timing diagrams for each instruction are included in
Figure 5 through Figure 27. All read instructions can be completed after any clocked bit. However, all
instructions that Write, Program or Erase must complete on a byte boundary (CS# driven high after a
full 8-bits have been clocked) otherwise the instruction will be ignored. This feature further pro tects
the device from inadvertent writes. Additionally, while the memory is being programmed or erased, or
when the Status Register is being written, all instructions except for Read Status Register will be
ignored until the program or erase cycle has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com