Electronic Components Datasheet Search
  English  ▼

X  

ACE701D Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE701D
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701D Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE701D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ACE701D
PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
2
Packaging Type
SOT-89-3
SOT-23-5
SOT-23-3L
TO-92
5
4
3
1
2
3
1
2
3
1
2
1 2 3
SOT-89-3
SOT-23-5
SOT-23-3L
TO-92
Description
Function
1
4
1
1
VSS(GND)
Ground pin
2
2
2
2
VOUT
Output pin, power supply for internal
circuits
3
5
3
3
LX(Ext)
Switching pin
3
NC
No connection
1
CE
Chip enable pin (active high)
Ordering information
ACE701D X XX XX + H
Output Voltage : 2.5V / 3.0V
….. 6.0V
Function Description :
1 : Internal Tr. Driver, Without Enable circuit
2 : Internal Tr. Driver, With Enable circuit
3 : External Tr. Driver, Without Enable circuit
4 : External Tr. Driver, With Enable circui
Pb - free
AM : SOT-89-3
BN : SOT-23-5
BM : SOT-23-3L
EP : TO-92
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com