Electronic Components Datasheet Search
  English  ▼

X  

MPC860 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC860
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC860 Datasheet HTML 9Page - Motorola, Inc MPC860 Datasheet HTML 10Page - Motorola, Inc MPC860 Datasheet HTML 11Page - Motorola, Inc MPC860 Datasheet HTML 12Page - Motorola, Inc MPC860 Datasheet HTML 13Page - Motorola, Inc MPC860 Datasheet HTML 14Page - Motorola, Inc MPC860 Datasheet HTML 15Page - Motorola, Inc MPC860 Datasheet HTML 16Page - Motorola, Inc MPC860 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
13
References
7.6
References
Semiconductor Equipment and Materials International
(415) 964-5111
805 East Middlefield Rd
Mountain View, CA 94043
MIL-SPEC and EIA/JESD (JEDEC) specifications
800-854-7179 or
(Available from Global Engineering Documents)
303-397-7956
JEDEC Specifications
http://www.jedec.org
1. 1. C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA
Within an Automotive Engine Controller Module,” Proceedings of SemiTherm, San
Diego, 1998, pp. 47–54.
2. 2. B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board
Thermal Resistance and Its Application in Thermal Modeling,” Proceedings of
SemiTherm, San Diego, 1999, pp. 212–220.
Part VIII Layout Practices
Each V
DD pin on the MPC860 should be provided with a low-impedance path to the board’s
supply. Each GND pin should likewise be provided with a low-impedance path to ground.
The power supply pins drive distinct groups of logic on chip. The V
DD power supply should
be bypassed to ground using at least four 0.1 µF-bypass capacitors located as close as
possible to the four sides of the package. The capacitor leads and associated printed circuit
traces connecting to chip V
DD and GND should be kept to less than half an inch per
capacitor lead. A four-layer board is recommended, employing two inner layers as V
CC and
GND planes.
All output pins on the MPC860 have fast rise and fall times. Printed circuit (PC) trace
interconnection length should be minimized in order to minimize undershoot and
reflections caused by these fast output switching times. This recommendation particularly
applies to the address and data busses. Maximum PC trace lengths of 6 inches are
recommended. Capacitance calculations should consider all device loads as well as
parasitic capacitances due to the PC traces. Attention to proper PCB layout and bypassing
becomes especially critical in systems with higher capacitive loads because these loads
create higher transient currents in the V
CC and GND circuits. Pull up all unused inputs or
signals that will be inputs during reset. Special care should be taken to minimize the noise
levels on the PLL supply pins.
Part IX Bus Signal Timing
Table 9-6 provides the bus operation timing for the MPC860 at 33, 40, 50, and 66 MHz.
The maximum bus speed supported by the MPC860 is 66 MHz. Higher-speed parts must
be operated in half-speed bus mode (for example, an MPC860 used at 80 MHz must be
configured for a 40 MHz bus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com