Electronic Components Datasheet Search
  English  ▼

X  

ACE721B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE721B
Description  1.3A 1.4MHz Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE721B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721B Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE721B
1.3A 1.4MHz Synchronous Step-Down Converter
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VIN
-0.3 to 6
V
EN, VFB Voltages
VEN
-0.3 to VIN
V
SW Voltage
VSW
-0.3 to VIN+0.3
V
Peak SW Sink and Source Current
IPK
3
A
Power Dissipation TA=25℃
PD
0.606
W
Operation Temperature
TOPR
-40 to 85
℃
Storage Temperature Range
TSTG
-65 to 150
℃
Packaging Type
DFN2*2-6L
(TOP VIEW)
DFN2*2-6L
Description
Function
1
GND
Ground pin
2
EN
Chip Enable Pin. Drive EN above 1.5V to turn on the part. Drive RUN below
0.3V to turn it off. Do not leave RUN floating.
3
VIN
Supply input pin.
4
SW
Power Switch Output. It is the switch node connection to Inductor.This pin
connects to the drains of the internal P-ch and N-ch MOSFET switches.
5
GND
Ground pin
6
FB/VOUT
Adjustable version feedback input. Connect FB to the center point of the
external resistor divider. The feedback threshold voltage is 0.6V.
7
EP
Power Ground exposed pad, Must be connected to bare copper ground
plane



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com