Electronic Components Datasheet Search
  English  ▼

X  

ACE1551B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1551B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1551B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1551B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1551B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1551B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1551B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1551B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1551B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1551B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE1551B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE1551B combines advanced trench MOSFET technology with a low resistance package to
provide This device is ideal for Power Supply Converter Circuits and Load/Power Switching Cell Phones,
Pagers.
Features
V
DS
=20V
I
D=0.7A
R
DS(ON)
<360m
Ω (V
GS=4.5V)
R
DS(ON)
<420m
Ω (V
GS=2.5V)
R
DS(ON)
<560m
Ω (V
GS=1.8V)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current * AC
TA=25℃
ID
700
mA
TA=70℃
560
Pulsed Drain Current * B
IDM
1
A
Power Dissipation
TA=25℃
PD
0.27
W
TA=70℃
0.16
Operating Junction Temperature / Storage Temperature Range TJ/TSTG -55/150
OC
Packaging Type
SOT-723


Similar Part No. - ACE1551B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1551A ACE-ACE1551A Datasheet
582Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE1551B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com