Electronic Components Datasheet Search
  English  ▼

X  

ACE1613B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1613B
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1613B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1613B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1613B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1613B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1613B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1613B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1613B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE1613B
N-Channel Enhancement Mode MOSFET
VER 1.2
1
Description
ACE1613B uses advanced trench technology to provide excellent RDS(ON). This device particularly suits
for low voltage application such as power management of desktop computer or notebook computer power
management, DC/DC converter.
Features
V
DS
=25V, ID=60A, VGS 20V
R
DS(ON)
@VGS=10V, IDS=40A, Typ 4.8mΩ
R
DS(ON)
@VGS=4.5V, IDS=20A, Typ 6.0mΩ
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
25
V
Gate-Source Voltage
VGSS
±20
V
Mounted on PCB of Minimum Footprint
Pulsed Drain Current
(Note 2)
IDM
150
A
Continuous Drain Current
(Note 1)
ID
17
A
Total Power Dissipation
(Note 1)
PD
1.5
W
Mounted on PCB of 1in
2 Pad Area
Pulsed Drain Current
(Note 2)
IDM
150
A
Continuous Drain Current
(Note 1)
ID
22
A
Total Power Dissipation
(Note 1)
PD
2.5
W
Mounted on Large Heat Sink
Pulsed Drain Current
(Note 2)
IDM
150
A
Continuous Drain Current
(Note 1)
ID
60
(Note 3)
A
Total Power Dissipation
(Note 1)
PD
50
W
Operating Junction Temperature / Storage Temperature Range
TJ/TSTG -55/150
OC
Packaging Type
TO-252


Similar Part No. - ACE1613B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE160P17A ACE-ACE160P17A Datasheet
572Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE160P17B ACE-ACE160P17B Datasheet
238Kb / 2P
P-Channel Enhancement Mode Power MOSFE
VER 1.2
ACE160P17BYMH ACE-ACE160P17BYMH Datasheet
238Kb / 2P
P-Channel Enhancement Mode Power MOSFE
VER 1.2
ACE1621B ACE-ACE1621B Datasheet
705Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE16242A ACE-ACE16242A Datasheet
241Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1613B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com