Electronic Components Datasheet Search
  English  ▼

X  

ACE1632B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1632B
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1632B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1632B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1632B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1632B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1632B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1632B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1632B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE1632B
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
ACE1613B uses advanced trench technology to provide excellent RDS(ON). This device particularly suits
for low voltage application such as power management of desktop computer or notebook computer power
management, DC/DC converter.
This device has specifically been designed to minimize input capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-efficiency isolated DC-DC converters for Telecom and
Computer application. It is also intended for any application with low gate charge drive requirements.
Features
V
DS
=60V, ID=18A, VGS 20V
R
DS(ON)
<40m
Ω @V
GS=10V
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Maximum Drain Current
Continuous
ID
18
A
Pulsed
45
Continuous Power Dissipation (large heatsick)
PD
110
W
Operating Temperature / Storage Temperature TJ/TSTG -55/150
OC
Packaging Type
TO-252
D
G
S


Similar Part No. - ACE1632B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE16302A ACE-ACE16302A Datasheet
456Kb / 9P
N & P Pair Enhancement Mode MOSFET
VER 1.1
ACE16302AGMS+H ACE-ACE16302AGMS+H Datasheet
456Kb / 9P
N & P Pair Enhancement Mode MOSFET
VER 1.1
ACE16354B ACE-ACE16354B Datasheet
813Kb / 8P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE1632B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com