Electronic Components Datasheet Search
  English  ▼

X  

ACE4442B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4442B
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4442B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4442B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4442B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4442B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4442B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4442B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4442B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE4442B
N-Channel Enhancement Mode MOSFET
VER 1.2
1
Description
The ACE4442B combines advanced trench MOSFET technology with a low resistance package to
provide This device is ideal for Power Supply Converter Circuits and Load/Power Switching Cell Phones,
Pagers.
Features
V
DS=20V
I
D=0.7A
R
DS(ON)
<360
mΩ (V
GS=4.5V)
R
DS(ON)
<420
mΩ (V
GS=2.5V)
R
DS(ON)
<560
mΩ (V
GS=1.8V)
ESD Protected
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous)
TA=25℃
ID
0.7
A
TA=70℃
0.56
Drain Current (Pulsed)
IDM
1
A
Power Dissipation
TA=25℃
PD
0.27
W
TA=70℃
0.16
Operating temperature / storage temperature
TJ/TSTG -55~150 ℃
Packaging Type
SOT-523


Similar Part No. - ACE4442B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4440B ACE-ACE4440B Datasheet
823Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE4441B ACE-ACE4441B Datasheet
930Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE4443B ACE-ACE4443B Datasheet
749Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE4444B ACE-ACE4444B Datasheet
669Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE4446B ACE-ACE4446B Datasheet
938Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE4442B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com