Electronic Components Datasheet Search
  English  ▼

X  

ACE4613B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4613B
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4613B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4613B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4613B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4613B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4613B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4613B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4613B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ACE4613B
Complementary Enhancement Mode Field Effect Transistor
VER 1.2
3
Output Capacitance
Coss
f=1MHz
137
Reverse Transfer Capacitance
Crss
118
Note:
1.
DUT is mounted on a 1in
2 FR-4 board with 2oz. Copper in a still air environment at 25°C, the current rating is based on the
DC(<10s) test conditions
2.
Repetitive rating, pulse width limited by junction temperature.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com