Electronic Components Datasheet Search
  English  ▼

X  

ACE4614B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4614B
Description  30V Complementary Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4614B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4614B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4614B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4614B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4614B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4614B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4614B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4614B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4614B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4614B Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE4614B
30V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE4614B uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate
charge. The complementary MOSFETs may be used in inverter and other applications.
Features
N-channel
V
DS=30V
I
D=9A
R
DS(ON)<14mΩ(VGS=10V)
R
DS(ON)<22mΩ(VGS=4.5V)
P-channel
V
DS=-30V
I
D=-8A
R
DS(ON)<20mΩ(VGS=-10V)
R
DS(ON)<35mΩ(VGS=-4.5V)
Absolute Maximum Ratings
Parameter
Symbol N-channel P-channel Unit
Drain-Source Voltage
VDSS
30
-30
V
Gate-Source Voltage
VGSS
±20
±20
V
Drain Current (Continuous) * AC
TA=25
OC
ID
9
-8
A
TA=70
OC
7.2
-6.4
Drain Current (Pulse) * B
IDM
40
-40
Power Dissipation
TA=25
OC
PD
2
2
W
TA=70
OC
1.3
1.3
Operating and Storage Temperature Range TJ,TSTG -55 to 150 -55 to 150
OC
Packaging Type
SOP-8


Similar Part No. - ACE4614B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4614BFM+H ACE-ACE4614BFM+H Datasheet
208Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE4614B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
ACE Technology Co., LTD...
ACE4606TB ACE-ACE4606TB Datasheet
803Kb / 10P
30V Complementary Enhancement Mode Field Effect Transistor
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com