Electronic Components Datasheet Search
  English  ▼

X  

ACE8202B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE8202B
Description  Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE8202B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE8202B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE8202B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE8202B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE8202B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE8202B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE8202B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE8202B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE8202B
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
1
Description
The ACE8202B uses advanced trench technology to provide excellent RDS(ON) and low gate charge.
They offer operation over a wide gate drive range from 2.5V to 12V. It is ESD protected. This device is
suitable for use as a uni-directional or bi-directional load switch, facilitated by its common-drain
configuration.
Features
V
DS(V)=20V
I
D=7.5A (VGS=4.5V)
R
DS(ON)<21 mΩ (VGS=4.5V)
R
DS(ON)<35 mΩ (VGS=2.5V)
ESD Protected: 2000V
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current *AC
TA=25℃
ID
7.5
A
TA=70℃
6
Pulsed Drain Current
IDM
25
A
Power Dissipation
TA=25℃
PD
2.5
W
TA=70℃
1.6
Operating Junction Temperature / Storage Temperature Range TJ/TSTG -55/150
OC
Packaging Type
DFN3*3-8L


Similar Part No. - ACE8202B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE8204TL ACE-ACE8204TL Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TLNN+H ACE-ACE8204TLNN+H Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8205A ACE-ACE8205A Datasheet
811Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
More results

Similar Description - ACE8202B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
logo
ACE Technology Co., LTD...
ACE8601B ACE-ACE8601B Datasheet
658Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8628B ACE-ACE8628B Datasheet
750Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8810B ACE-ACE8810B Datasheet
668Kb / 6P
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE1512E ACE-ACE1512E Datasheet
397Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.1
ACE2600B ACE-ACE2600B Datasheet
652Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8204TL ACE-ACE8204TL Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com