Electronic Components Datasheet Search
  English  ▼

X  

ACT711E Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT711E
Description  ultra thin, plastic moulded package with a maximum height of 1.4 mm.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT711E Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT711E Datasheet HTML 1Page - Advanced Crystal Technology ACT711E Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C1
1.9fF typ
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001 Registered
Customer to specify: Frequency Tolerance, Load capacitance
Please note that all parameters can not necessarily be specified in the same device
ACT711E
Specification
±20ppm, ±50ppm
Specification
Parameter
The ACT711E is an ultra thin, plastic moulded package with a maximum height of 1.4 mm. The package
contains a highly reliable cylinder type quartz crystal and is ideally suitable for automatic insertion,
especially where PCB component mounting space is at a premium.
Applications include Wireless Communications Equipment, Pagers, PDAs, Cellular Phones, Portable
applications, and a variety of clock sources.
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Temp. Coefficient
Tp
Δf/fo
fo
Frequency
Frequency Tolerance
Frequency v Temperature @25°C
Aging
Reflow Profile
Turnover Temperature
Equivalent Series Resistance
Load Capacitance
Shunt Capacitance
Temp Storage Range
Motional Capacitance
Drive Level
Temp Operating Range
(-4.0±1.0) x 10
-8/°C² max
-55 ~ +125°C
Tsol
Fa
CL
C0
ESR
-40 ~+85°C
32.768kHz
±3ppm max 25°C ±3°C, First Year
1.0
μW ( 0.1μW Recommended )
Max 2 reflow cycles to profile (fig 1)
Please specify
12.5pF (7.0pF &9.0pF options)
0.8pF max
65K
Ω max
DL max
Tstg
Topr
K
TC
Please See Drawing
+25°C ±5°C
Please specify
Symbol
Issue: 1E2
Date: 05-08-2010
1 of 2


Similar Part No. - ACT711E

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT711S ACT-ACT711S Datasheet
168Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
14/09/05
ACT711S ACT-ACT711S_13 Datasheet
419Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
13-02-2013
More results

Similar Description - ACT711E

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
ETCSP AMKOR-ETCSP Datasheet
148Kb / 2P
the first ball grid array capable of an extremely thin 0.5 mm maximum mounted height.
logo
Advanced Crystal Techno...
ACT132SMX ACT-ACT132SMX Datasheet
283Kb / 4P
a low height, plastic moulded package incorporating a cylinder type crystal.
26/7/0
ACT711S ACT-ACT711S Datasheet
168Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
14/09/05
logo
AEL Crystals Ltd
CM200 AEL-CM200 Datasheet
137Kb / 1P
Plastic Moulded Watch Crystals
SXA-86SMX AEL-SXA-86SMX Datasheet
142Kb / 1P
Plastic Moulded Crystal
logo
ILSI America LLC
IL3R ILSI-IL3R Datasheet
46Kb / 2P
4 Pad Plastic Package, 1.4 mm x 7 mm
logo
Advanced Crystal Techno...
ACT711S ACT-ACT711S_13 Datasheet
419Kb / 4P
ultra thin, plastic moulded package with a maximum height of 1.4 mm.
13-02-2013
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Dialog Semiconductor
SLG59M1493Z DIALOG-SLG59M1493Z Datasheet
193Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge in Lo-ZTM Ultra-thin Package
logo
Rohm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
Thin, ultra-compact package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com