Electronic Components Datasheet Search
  English  ▼

X  

ACT2016SMX-4 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT2016SMX-4
Description  extremely compact, high quality, low aging, seam welded crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT2016SMX-4 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT2016SMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT2016SMX-4 Datasheet HTML 2Page - Advanced Crystal Technology ACT2016SMX-4 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Example :
CX
2 4 0 0
I
K
G
D
(#)
- PF
(ACT2016SMX-4) (24.00MHz )
(±30ppm)
(±30ppm)
(-20+70)
(3K Reel )
(RoHS)
E
10
F
15
F
Fundamental
G
20
- PF
H
25
G
-20+70
I
30
L
-30+85
GO
8
L
50
M
-40+85
JO
9
KO
10
Package
MO
11
L = Loose
OO
12
D =3K Reels
F
10
G
15
I
20
J
25
K
30
O
50
Table 2
`
NOTES :
1)
2)
3)
Issue 7 H2
Date:06-12-2012
It is important to
suffix the above
part number with
the full frequency
required to give a
completed part
number as
illustrated below
ACT are always happy to consider truly custom specification parts which may require non-standard
specification parameters, specific testing, customer requested AQL requirements, non standard packaging or
taping and reeling and custom marking. Such devices would normally be allocated a custom specification part
number which is wholly customer specific.
( EG : A 24.00MHz custom ACT2016MX-4 device may have a part number such as CX2400C- C1133-PF)
KO
(10pF)
F
(Fund')
Stability Over
Operating
Temperature (ºC)
Tighter aging may be available
please enquire. Leave blank for
standard aging.
SERIES : ACT2016SMX-4 Part numbering code is CX
Operating
Temperature Range
(ºC)
Mode
Frequency
To 99.9999MHz
1st
four digits of
Frequency
RoHS
Comp'
ISO9001 Registered
For quotations or further information please contact us at:
http:www.actcrystals.com
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
Tolerance (±pm)
@ 25ºC
Load
Capacitance
( pF or Series
Resonance)
Tighter Tolerances and Stabilities and other Operating Temperature Ranges may be available.
As each of these specification parameters impact on each other, it is not always possible to combine all options
in one device. Therefore, if a specification not catered for above is required, please contact us directly for the
relevant part number code(s).
Commodity Code
854160 00 00
A guide to availability of tighter stabilities appears in Table 2 of the data sheet
Examples
12.000MHz = 1200
59.9999MHz = 5999
CX2400IKGKOFD-PF
24.00MHz
Full Example Part Number
NB:
Tolerance
25°C
-20~+70°C
±30ppm
±20ppm
±10ppm
E
Stability
-40~+85°C
E
-30~+85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com