Electronic Components Datasheet Search
  English  ▼

X  

ACT2018SMX-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT2018SMX-4
Description  extremely compact, high quality, low aging, seam welded crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT2018SMX-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT2018SMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT2018SMX-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Symbol
Specification
Frequency Range
fo
24.00 ~ 48.00 MHz
AT Fundamental
Frequency Tolerance
f/fo
±10ppm (standard) and ±30ppm (25°C±2degC)
Stability over Temp Range
Tc
±10ppm (standard), ±20ppm and ±30ppm
Temp Operating Range
Topr
-20 ~ +70°C Standard
Others available (enquire)
Temp Storage Range
Tstg
-40 ~ +85°C
Equivalent Series Resistance
ESR
Please refer to Table 1
Load Capacitance
CL
8 pF min
Shunt Capacitance
C0
5pF max
Drive Level
DL
100
W max
FDLD
10ppm max
6 steps minimum
DLD2
Refer to table 1
6 steps minimum
Insulation Resistance
IR
500M
min
Reflow Process
20 Seconds @ 270°C (max)
Refer to profile below
Aging
Fa
±2ppm / 1st year max (1ppm option*)
* Tolerance +aging 1st yr= Tolerance plus ±1ppm
Issue 4 YC1F
Date:13-9-2012
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Condition
Specification
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT2018SMX-4
The ACT2018SMX-4 is an extremely compact, high quality, low aging, seam welded crystal. Utilising a
ceramic base with a metal lid, it provides for the durability and reliability, necessary for strenuous
processes like infrared and vapour reflow. The lid is grounded through the package, to assist with EMC
Issues, and the pads are gold plated. The device is very suitable for automatic placement on PCB's.
With an excellent range of frequencies it is an optimum choice for designs where PCB space is at a
premium. Applications include: PDA, Cellular, MPU Clocks, ISM, Bluetooth, WLan, and consummer
electronics. Available loose or on reels (Standard 3,000 pieces / reel.).
Please specify
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature & Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
@100V DC
@25°C
Please Specify
Please specify
Please specify
Please specify
Pad surface material Au
Table 1
DLD2
<15Ω
<12Ω
<10Ω
<10Ω
<10Ω
25.0~31.999
70
Fundamental
32.0~48.0
40
Fundamental
18.0~19.999
120
Fundamental
20.0~24.999
80
Fundamental
Frequency(MHz)
ESR
 max
Mode
16.0~17.999
150
Fundamental
1 of 2


Similar Part No. - ACT2018SMX-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
miniature surface mount Watch Crystal
17/08/04
ACT2016SMX-4 ACT-ACT2016SMX-4 Datasheet
452Kb / 3P
extremely compact, high quality, low aging, seam welded crystal
06-12-2012
More results

Similar Description - ACT2018SMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT420SMX-4 ACT-ACT420SMX-4 Datasheet
262Kb / 2P
4 pad, high quality, low aging 4x2.5mm SMD Crystal
24/01/07
ACT421LCSMX-4 ACT-ACT421LCSMX-4 Datasheet
138Kb / 2P
4 pad, high quality, low aging SMD Crystal
05/09/2006
ACT421SMX-4 ACT-ACT421SMX-4 Datasheet
137Kb / 1P
4 pad, high quality, low aging SMD Crystal
01/02/06
ACT531SMX-4 ACT-ACT531SMX-4 Datasheet
116Kb / 2P
4 pad, high quality, low aging, seam welded packaged crystal.
23/01/06
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
ACT1018SMX-4 ACT-ACT1018SMX-4 Datasheet
325Kb / 2P
extremely compact, high quality, low aging, vacuum enclosed
05-02-2013
ACT2016SMX-4 ACT-ACT2016SMX-4 Datasheet
452Kb / 3P
extremely compact, high quality, low aging, seam welded crystal
06-12-2012
ACT2205SMX-4 ACT-ACT2205SMX-4 Datasheet
199Kb / 3P
compact 4 pad, high quality, low aging, seam welded crystal
18-7-2012
ACT2208SMX-4 ACT-ACT2208SMX-4 Datasheet
383Kb / 2P
extremely compact, high quality, low aging, seam welded crystal
19-3-13
ACT2265SMX-4 ACT-ACT2265SMX-4 Datasheet
226Kb / 3P
compact 4 pad, high quality, low aging, seam welded crystal
18-07-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com