Electronic Components Datasheet Search
  English  ▼

X  

MPC855T Datasheet(PDF) 21 Page - Motorola, Inc

Part # MPC855T
Description  Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC855T Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MPC855T Datasheet HTML 17Page - Motorola, Inc MPC855T Datasheet HTML 18Page - Motorola, Inc MPC855T Datasheet HTML 19Page - Motorola, Inc MPC855T Datasheet HTML 20Page - Motorola, Inc MPC855T Datasheet HTML 21Page - Motorola, Inc MPC855T Datasheet HTML 22Page - Motorola, Inc MPC855T Datasheet HTML 23Page - Motorola, Inc MPC855T Datasheet HTML 24Page - Motorola, Inc MPC855T Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
21
Bus Signal Timing
Figure 9-2. Control Timing
Figure 9-3 provides the timing for the external clock.
Figure 9-3. External Clock Timing
CLKOUT
Outputs
A
B
2.0 V
0.8 V
0.8 V
2.0 V
2.0 V
0.8 V
2.0 V
0.8 V
Outputs
2.0 V
0.8 V
2.0 V
0.8 V
B
A
Inputs
2.0 V
0.8 V
2.0 V
0.8 V
D
C
Inputs
2.0 V
0.8 V
2.0 V
0.8 V
C
D
A
Maximum output delay specification.
B
Minimum output hold time.
C
Minimum input setup time specification.
D
Minimum input hold time specification.
CLKOUT
B1
B5
B3
B4
B1
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com