Electronic Components Datasheet Search
  English  ▼

X  

MPC911 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC911
Description  LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC911 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC911 Datasheet HTML 1Page - Motorola, Inc MPC911 Datasheet HTML 2Page - Motorola, Inc MPC911 Datasheet HTML 3Page - Motorola, Inc MPC911 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
1/96
Low-Voltage 1:9 Differential
ECL/HSTL to HSTL Clock Driver
The MPC9111 is a low skew 1–to–9 differential HSTL compatible
output fanout buffer. The device is functionally equivalent to the
MC100LVE111 device. The device accepts either LVPECL or HSTL
compatible input levels and provides 9 low skew differential HSTL
compatible outputs. The device operates from a single 3.3V VCC supply.
• 800ps Part–to–Part Skew
• 250ps Output–to–Output Skew
• Open Emitter HSTL Compatible Outputs
• Differential Design
• 28–Lead PLCC
• 3.3V VCC
The MPC911 HSTL outputs are not realized in the conventional
manner. To minimize part–to–part and output–to–output skew the HSTL
compatible output levels are generated with an open emitter architecture.
The outputs are pulled down with 50
Ω to ground rather than the typical
50
Ω to VDDQ pullup of a “standard” HSTL output. Because the HSTL
outputs are pulled to ground the MPC911 does not utilize the VDDQ supply
of the HSTL standard. The output levels are derived from VCC, an internal
regulator minimizes the output level variation with VCC variations.
1
56
7
8
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
VEE
CLK_Sel
HSTL_CLK
VCC
HSTL_CLK
PECL_CLK
PECL_CLK
Q3
Q3
Q4
VCCO
Q4
Q5
Q5
Pinout: 28-Lead PLCC (Top View)
Q0
Q0
Q1
VCCO Q1
Q2
Q2
Q8
Q7
Q6
Q8
VCCO Q7
Q6
MPC911
LOW-VOLTAGE
1:9 DIFFERENTIAL ECL/HSTL
TO HSTL CLOCK DRIVER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02
PIN NAMES
Function
Differential HSTL Input
Differential PECL Input
Differential Outputs
Pins
HSTL_CLK, HSTL_CLK
PECL_CLK, PECL_CLK
Q0–Q8, Q0–Q8


Similar Part No. - MPC911

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
DUAL PLL CLOCK GENERATOR
MPC9108 MOTOROLA-MPC9108 Datasheet
67Kb / 4P
MULTIPLE OUTPUT CLOCK SYNTHESIZER
MPC9109 MOTOROLA-MPC9109 Datasheet
250Kb / 8P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC9109 IDT-MPC9109 Datasheet
392Kb / 9P
Low Voltage 1:18 Clock Distribution Chip
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
1:10 LVCMOS FANOUT BUFFER
More results

Similar Description - MPC911

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
Agere Systems
LCK4801 AGERE-LCK4801 Datasheet
160Kb / 10P
Low-Voltage HSTL Differential Clock
July 2001
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
logo
ON Semiconductor
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com