Electronic Components Datasheet Search
  English  ▼

X  

6298 Datasheet(PDF) 3 Page - 3M Electronics

Part # 6298
Description  3M Cable Ties are molded from 6/6 nylon and are available in a variety of sizes and styles, including weather resistant black for outdoor use.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6298 Datasheet(HTML) 3 Page - 3M Electronics

  6298 Datasheet HTML 1Page - 3M Electronics 6298 Datasheet HTML 2Page - 3M Electronics 6298 Datasheet HTML 3Page - 3M Electronics 6298 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Cable Ties
3 of 4
Typical Data, continued
Heavy Duty Cable Ties
LISTED
Part
Number
Length
in (mm)
Width
in (mm)
Min/Max Bundle Dia.
in (mm)
Tensile
lb (kg)
Thickness
in (mm)
Temp.
Rating
Bag
Quantity
Color
Description
CT8BK120-L
9.0 (229)
.30( 7,6)
.19 (4,8) / 2.00 (50,8)
120 (54)
.07 (1,8)
0ºC - 85ºC
50
Black
UV Resistant
CT8NT120-L
9.0 (229)
.30( 7,6)
.19 (4,8) / 2.00 (50,8)
120 (54)
.07 (1,8)
0ºC - 85ºC
50
Natural
Standard
CT15BK120-C 15.0 (381) .30( 7,6)
.19 (4,8) / 4.00 (101,6)
120 (54)
.07 (1,8)
0ºC - 85ºC
100
Black
UV Resistant
CT15BK120-D 15.0 (381) .30( 7,6)
.19 (4,8) / 4.00 (101,6)
120 (54)
.07 (1,8)
0ºC - 85ºC
500
Black
UV Resistant
CT15NT120-C 15.0 (381) .30( 7,6)
.19 (4,8) / 4.00 (101,6)
120 (54)
.07 (1,8)
0ºC - 85ºC
100
Natural
Standard
CT15NT120-D 15.0 (381) .30( 7,6)
.19 (4,8) / 4.00 (101,6)
120 (54)
.07 (1,8)
0ºC - 85ºC
500
Natural
Standard
Extra Heavy Duty Cable Ties
LISTED
†UL Listed 181B-C
**UL Recognized where noted
Part
Number
Length
in (mm)
Width
in (mm)
Min / Max Bundle
Dia.
in (mm)
Tensile
lb (kg)
Thickness
in (mm)
Temp.
Rating
Bag
Quantity
Color
Description
CT24BK175-L
24.0 (610) .34 (8,6)
1.5 (38) / 7.2 (183)
175 (79)
.09 (2,3)
0ºC - 85ºC
50
Black
UV Resistant
CT24NT175-L
24.0 (610) .34 (8,6)
1.5 (38) / 7.2 (183)
175 (79)
.09 (2,3)
0ºC - 85ºC
50
Natural Standard
CT36BK175-L
36.0 (914) .34 (8,6)
1.5 (38) / 11.0 (279)
175 (79)
.09 (2,3)
0ºC - 85ºC
50
Black
† UV Resistant
CT36NT175-L
36.0 (914) .34 (8,6)
1.5 (38) / 11.0 (279)
175 (79)
.09 (2,3)
0ºC - 85ºC
50
Natural
† Standard
CT48BK175-L 47.9 (1217) .36 (9,1)
1.5 (38) / 14.7 (373)
175 (79)
.07 (1,8)
85ºC
50
Black
**
†UV Resistant
CT48NT175-L 47.9 (1217) .36 (9,1)
1.5 (38) / 14.7 (373)
175 (79)
.07 (1,8)
85ºC
50
Natural **
† Standard
Screw Mount Ties
LISTED
Part
Number
Length
in (mm)
Width
in (mm)
Min / Max Bundle
Dia.
in (mm)
Tensile
lb (kg)
Thickness
in (mm)
Temp.
Rating
Bag
Quantity
Color
Description
CT8BK50S-C
8.6 (218)
.18 (4,6)
.06 (1,5) / 2.00 (50,8)
50 (23)
.06 (1,5)
0ºC - 85ºC
100
Black
UV Resistant
# 10 stud
CT8BK50S-M
8.6 (218)
.18 (4,6)
.06 (1,5) / 2.00 (50,8)
50 (23)
.06 (1,5)
0ºC - 85ºC
1000
Black
UV Resistant
# 10 stud
CT8NT50S-C
8.6 (218)
.18 (4,6)
.06 (1,5) / 2.00 (50,8)
50 (23)
.06 (1,5)
0ºC - 85ºC
100
Natural Mounting # 10 stud
CT8NT50S-M
8.6 (218)
.18 (4,6)
.06 (1,5) / 2.00 (50,8)
50 (23)
.06 (1,5)
0ºC - 85ºC
1000
Natural Mounting # 10 stud
CT15NT50S-L
15.1 (384) .18 (4,6) 06 (1,5) / 4.00 (102,0)
50 (23)
.06 (1,5)
0ºC - 85ºC
50
Natural Mounting #10 stud
CT15NT50S-D
15.1 (384) .18 (4,6) 06 (1,5) / 4.00 (102,0)
50 (23)
.06 (1,5)
0ºC - 85ºC
500
Natural Mounting #10 stud
CT15NT120S-L
15.7 (399) .30 (7,6) .19 (4.8) / 4.00 (102,0) 120 (54)
.07 (1,8)
0ºC - 85ºC
50
Natural Mounting #10 stud
CT15NT120S-D 15.7 (399) .30 (7,6) .19 (4.8) / 4.00 (102,0) 120 (54)
.07 (1,8)
0ºC - 85ºC
500
Natural Mounting #10 stud



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com