Electronic Components Datasheet Search
  English  ▼

X  

DSA010 Datasheet(PDF) 2 Page - Eichhoff Electronics,Inc.

Part # DSA010
Description  Stabkerndrosseln Iron core chokes Selfs baton de fer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

DSA010 Datasheet(HTML) 2 Page - Eichhoff Electronics,Inc.

  DSA010 Datasheet HTML 1Page - Eichhoff Electronics,Inc. DSA010 Datasheet HTML 2Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Rated voltage:
AC/DC 440 V
Inductance tolerance:
+ 20%; - 20%
DC resistance:
Average values at -u = 20°C
Climatic classification:
25/085/21-C acc. to IEC 60068-10
Connections:
Fastons 4.8 x 0.8 mm or 6.3 x 0.8 mm
Rod chokes are made with a iron core of electrical brass. The wire is wound on a coil
former of high quality plastic. The winding is put in one or two separated chambers
according to its size.
Tension nominale:
c. a. / c. d. 440 V
Tolérances des inductances:
+20%; -20%
Résistance c.c.:
Valeurs indicatives à -u = 20°C
Classification climatique:
25/085/21-C aprés IEC 60068-1
Connexions:
Languettes 4,8 x 0,8 mm ou 6,3 x 0,8 mm
Les selfs baton sont construites avec des tôles électriques. Une carcasse en matière
plastique de haute qualité sert de support d’enroulement. Selon sa taille, I’enroulement
est mis dans une ou deux chambres séparées.
Prüfzeichen:
Approvals:
Homolagtions:
EN 60938-2
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀
฀฀฀฀฀
฀฀฀



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com