Electronic Components Datasheet Search
  English  ▼

X  

8505 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8505
Description  Lightweight Portable Field Service Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8505 Datasheet(HTML) 2 Page - 3M Electronics

  8505 Datasheet HTML 1Page - 3M Electronics 8505 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
54
Workstation Products
3M™ Field Service Kit FSKL3RD
3M™ Portable Field Service Kit Standard Performance
The Portable Field Service Kit 8501 is designed to provide effective static
protection in a compact package for the electronics field technician. The entire
kit folds to a size that fits easily into most tool cases. Two pockets sewn into
the worksurface provide storage for the cords.
Custom logo imprinting on the worksurface is available.
Tested per ESD Association Standard 4.1 at 72OF, 50% RH using 3M™ Test Kit 701 for Static Control
Surfaces (Megohmmeter).
Properties
Typical Property
Value
Resistance:
1 x 106 ohm to 1 x 109 ohm
(Surface-to-ground)
Product No.
Description
8501
Static Dissipative Portable Field Service Kit
Kit includes:
• Static Dissipative Worksurface
0.021 H x 22 W x 24 L in.
(0.5 mm x 55.9 x 61.0 cm)
• 3M™ Ground Cord Assembly 3051
• 3M™ Alligator Clip 3038
• 3M™ Adjustable Wrist Band 2204
3M™ Portable Field Service Kit Premium Performance
The Portable Field Service Kit 8507 with a 3M™ Wrist Strap Monitor 725
bundles together two static control products to give a field technician the same
continuously monitored, static protected working environment as that enjoyed by
workers in a manufacturing facility.
3M™ Portable Field Service Kit 8507
Product No.
Description
8507
Portable Field Service Kit includes Wrist Strap Monitor 725
and Dual Conductor Wrist Strap
Kit contains:
• Static Dissipative Worksurface, foldable,
0.021 H x 22 W x 24 L in. (0.5 mm x 55.9 cm x 61.0 cm)
red with gray cotton edging. Two pockets, each
8 in. x 11 in. (20.3 cm x 28.0 cm), ground snap.
• 3M™ Wrist Strap Monitor 725, 2.5 H x 2.6 W x 1.1 L in.
(6.4 x 6.6 x 2.8 cm), black. Battery-powered, 9 V (not
included). Ground cord, 6 ft. (1.8 m), with ground clip.
Ground snap on unit to connect to the worksurface.
• 3M™ Dual Conductor Adjustable Fabric Wrist Band 2368
• 3M™ Dual Conductor Coiled Cord 2370, 10 ft. (3.0 m)
3M™ Field Service Kit Standard Performance
This Field Service Kit provides a complete, portable, static safe workstation for
personnel working with electronics in the field. To stop static electricity from
damaging electronic cards, a static safe work area is essential for field service
technicians performing in-field repair or installation of cards. The Field Service Kit
is used by technicians in telecommunications, computer, industrial controls and
business equipment service applications. The entire kit folds to fit into most tool
cases. Custom mat printing is available. Includes 24 in. x 24 in. (61.0 cm
x 61.0 cm) mat with two pockets, wrist strap, ground cord and instructions.
Properties
Product
Typical Value
Mat
3-layer, vinyl, red, 107-8
Common Ground Cord
15 ft. (4.6 m), 1 meg resistor, bulldog clip
Coiled Cord
6 ft. (1.8 m), 1 meg resistor
Wrist Band
Fabric, adjustable
Product No.
Description
FSKL3RD
Field Service Kit
Kit includes:
1 - 24 in. x 24 in. (61.0 cm x 61.0 cm) Mat with
two pockets
1- Adjustable Fabric Wrist Band
1- 6 ft. Coiled Cord
1- Common Ground Cord, 15 ft. (4.6 m) with clip
instructions
3M™ Portable Field Service Kit 8501



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com