Electronic Components Datasheet Search
  English  ▼

X  

DBRF195R Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # DBRF195R
Description  037??-- 50 Ohm Broadband Indoor / Riser Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

DBRF195R Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  DBRF195R Datasheet HTML 1Page - General Cable Technologies Corporation DBRF195R Datasheet HTML 2Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
V
DATE
CHANGE DETAIL
General Cable
20 Forge Park, Franklin, Ma 02038
Phone: 508-541-7100 Fax: 508-541-8122
LMR-195-FR-PVC
Title:
DBRF195R
E
09/18/12
Added ROHS to legend-DB
Description:
.037” -- 50 Ohm Broadband
Indoor / Riser Coaxial Cable
D 06/15/12
Revise bend radius / gt
C
04/20/12
Update elect. & print from HHT UL to GCC
ETL /GT
Eng Approval:
GT
B
07/07/10
Updated Spec to New Format - RZ
Mktg Approval:
A 12/03/02
Spec released - PF
Final Approval:
PAGE 1 of
2
General Cable reserves the right to modify this information without prior notification and does not make a warranty or representation of any kind, whether implied or expressed with respect to the information contained
herein. General Cable assumes no risks, and will not be liable for direct or indirect, special; incidental or consequential damages, any defect or personal injury resulting from the use of this document.
DBRF195R Riser Flexible Low Loss 50 Ohm Coaxial Cable that is acceptable substitution for RG-58 &
RG-142 and uses standard RG-58 Connectors, used for Jumper assemblies in Wireless Communications
Systems, Antenna Feeder Runs and any application requiring a Low Loss RF Cable
Description:
1/C .037” Gas Injected Foam Polyethylene Insulation, Bonded Aluminum/Polyester/Aluminum
Tape, Tinned Copper Braid Shield and FR-PVC Jacket.
A.
Construction:
1.0
Conductor:
.037” Solid Bare Copper; OD: .037 Nom. (0.94mm)
2.0
Insulation:
.0365” Wall Gas Injected Foamed Polyethylene; OD: .110" Nom. (2.79mm)
3.0
Shield #1:
Aluminum/Polyester/Aluminum –Bonded Tape, 100% Coverage
4.0
Shield #2:
36 AWG Tinned Copper Braid 90% Coverage
5.0
Jacket:
.028” Wall FR-PVC; Color: Black
OD: .195" Nom. (4.95mm)
6.0
Marking:
Surface Printed:
GENERAL CABLE (F)
DBRF195R -- 50 OHM COAXIAL CABLE 19 AWG
TYPE CMR c(ETL)us 75C 3084997 – ROHS--MADE IN USA – MM/YY AAAAAA
XXXXXX FT
MM/YY = month and year of manufacturing
AAAAA = MFG identification for Traceability
XXXXX = sequential footage marking every two feet
B.
Electrical characteristics:
1.0
Capacitance:
25.4 pF/ft Nom. (83.3 pF/m)
2.0
Impedance:
50.0 Ω Nom.
3.0
Velocity of Propagation:
78% Nom.
4.0
Conductor DCR:
7.6 Ω/kft Nom. (24.94 Ω/km)
5.0
Shield DCR:
4.89 Ω/kft Nom. (16.04 Ω/km)


Similar Part No. - DBRF195R

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
DBRF195 GENERAL-DBRF195 Datasheet
78Kb / 2P
037??-- 50 Ohm Broadband Indoor/Outdoor Coaxial Cable
DBRF195P GENERAL-DBRF195P Datasheet
56Kb / 2P
1/C 037 50 Ohm Broadband PLENUM Coaxial Cable
More results

Similar Description - DBRF195R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-C200 PASTERNACK-PE-C200 Datasheet
90Kb / 1P
50 OHM COAXIAL CABLE
logo
General Cable Technolog...
DBRF195 GENERAL-DBRF195 Datasheet
78Kb / 2P
037??-- 50 Ohm Broadband Indoor/Outdoor Coaxial Cable
logo
List of Unclassifed Man...
3C142B ETC2-3C142B Datasheet
112Kb / 1P
50 OHM COAXIAL CABLE
310801 ETC2-310801 Datasheet
120Kb / 1P
50 OHM COAXIAL CABLE
311201 ETC2-311201 Datasheet
122Kb / 1P
50 OHM COAXIAL CABLE
311601 ETC2-311601 Datasheet
118Kb / 1P
50 OHM COAXIAL CABLE
311901 ETC2-311901 Datasheet
119Kb / 1P
50 OHM COAXIAL CABLE
421201 ETC2-421201 Datasheet
109Kb / 1P
50 OHM COAXIAL CABLE
421601 ETC2-421601 Datasheet
109Kb / 1P
50 OHM COAXIAL CABLE
logo
General Cable Technolog...
DBRF195P GENERAL-DBRF195P Datasheet
56Kb / 2P
1/C 037 50 Ohm Broadband PLENUM Coaxial Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com