Electronic Components Datasheet Search
  English  ▼

X  

072004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 072004
Description  Torque, Angle & Force Analyzer with ARCII Technology
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

072004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  072004 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LTT Series
Torque, Angle & Force Analyzer
with ARCII Technology
TorqueLab
LTT
01.3
Torque
Analyzers
Recommended for all hand screwdrivers, wrenches, or power tools.
KEY FEATURES
Features a built-in transducer and can connect to an external transducer.
LTT10i
LTT25i
LTT50i
LTT100i
LTT250i
LTT50F
LTT100F
LTT250F
Torque Ranges
Item #
11.3 - 113 cN.m
28.25 - 282.5 cN.m
56.5 - 565 cN.m
113 - 1130 cN.m
282.5 - 2825 cN.m
6.8 - 67.8 N.m
13.56 - 135.6 N.m
33.9 - 339 N.m
S.I.
1 - 10 lbf.in
2.5 - 25 lbf.in
5 - 50 lbf.in
10 - 100 lbf.in
25 - 250 lbf.in
5 - 50 lbf.ft
10 - 100 lbf.ft
25 - 250 lbf.ft
American
Model
068400
068401
068402
068403
068404
068405
068406
068407
1.2 - 11.5 kgf.cm
2.9 - 28.8 kgf.cm
5.8 - 57.6 kgf.cm
11.5 - 115 kgf.cm
28.8 - 288 kgf.cm
0.7 - 6.9 kgf.m
1.4 - 13.8 kgf.m
3.5 - 34.5 kgf.m
1/4" F/Sq
1/4" F/Sq
1/4" F/Sq
1/4" F/Sq
1/4" F/Sq
3/8" F/Sq
1/2" F/Sq
1/2" F/Sq
Drive Size
8 lbs.
8 lbs.
8 lbs.
8 lbs.
8 lbs.
8 lbs.
8 lbs.
8 lbs.
Wt.
Metric
NOTE!
Since a tester cannot always duplicate actual joint
characteristic, the torque reading displayed on the LTT may
vary from the actual torque that a tool will apply to a joint.
When critical assemblies are involved, the torque output of the
power tool being used should be verified on the actual
assembly using a calibrated measuring torque tool.
ACCESSORIES INCLUDED
Universal Charger (100 - 240VAC)
USB Cable
Mountz Software Programs
Run Down Adapter
Case
Selection of six operation modes:
Track, Peak, First Peak, Audit, Spindle Audit, and Torque + Angle
Seven units of torque measurements:
ozf.in, lbf.in, lbf.ft, cN.m, N.m, kgf.m, kgf.cm
Two units of force measurement: lbf and kN
Features built-in Tool Tests operation.
Includes three PC Windows based software programs:
Mountz Torque Meter Interface Program
for sensor calibrations, meter calibration and tool tests.
Torque Meter Bootloader
for updating the LTT operating systems.
Excel Add-In
for Real-Time data collection into an Excel spreadsheet.
It provides statistics calculations.
Five low-pass filters: 3000, 2000, 1500, 500, and 200Hz
Six-digit display and easy to read menu structure.
Real Time Clock for time stamping of readings.
USB interface to download readings to PC.
High Capacity Li-ion Batteries for long life (30 hours with standard
transducers and 16 hours with brushless rotary).
Can connect to most mv/v transducers and can store calibration data for
up to 50 non-smart torque sensors.
The 5VDC capability allows unit to be used with a Brushless Rotary
Transducer for testing pulse tools and high RPM tools.
Features Go / No Go LEDs that illuminate when high or low setting is
achieved.
Real time graph of torque vs. time using associated PC Windows software.
Stores a total of 5000 data points.
Torque and Angle data is displayed simultaneously when used with Torque
and Angle transducers, up to 8000 RPM for angle measurement.
Transducer
RTSX-A
All BLRTSX models
BMX
LPX
SDX
RTSX
ETX
CABLE CHART
072000
072001
072002
072003
072004
072005
072006
Cable
Item #
Accuracy
0.5% of reading from 20% to 100% of full scale.
Accuracy
1% of reading from 10% to 20% of full scale.
Provides EZ-Plug & Play with Mountz Transducers, Features ARCII
technology, an instant auto-recognition system of the transducer connected
to the LTT.
Flash memory allows upgrades to be done by the user in the field &
internet through the USB port.
Item #
770300
770319
072506
072998
072997
ACCESSORIES
OPTIONAL
Charger 100 - 240VAC
USB Cable
Battery Pack
Multiplexer
Bar Code Reader
Description
Mounting Bracket
(for LTT model 10i-50F)
072608
Mounting Bracket
(for all other LTT models)
072606
PLC Interface
072014
PLUG & PLAY
Supplied with NIST-Traceable Certification of Calibration
CERTIFIED


Similar Part No. - 072004

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
07200.2-00 STEGO-07200.2-00 Datasheet
2Mb / 1P
ACTUATOR HUB
17.11.2020
More results

Similar Description - 072004

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
List of Unclassifed Man...
010188 ETC2-010188 Datasheet
554Kb / 2P
A solid moulded core with soft outer grip, less force, yet achieves 40% more torque
AP-125 ETC2-AP-125 Datasheet
51Kb / 1P
CAR BATTERY ANALYZER WITH AUTO PLUG
PSE18 ETC2-PSE18 Datasheet
292Kb / 5P
torque control.
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR ALPS-HSFPAR Datasheet
250Kb / 1P
Force Sensor
logo
Rosenberger Hochfrequen...
53W008-000 ROSENBERGER-53W008-000 Datasheet
281Kb / 2P
Torque Wrench
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
Force Sensor
logo
TEKTRONIX, INC.
MCA3000 TEKTRONIX-MCA3000 Datasheet
319Kb / 12P
Microwave/Counter/Analyzer with Integrated Power
logo
Pepperl+Fuchs Inc.
VAZ-ZPA-ANALYZER PF-VAZ-ZPA-ANALYZER Datasheet
198Kb / 2P
Analyzer
logo
KISTLER INSTRUMENT CORP...
9306A KISTLER-9306A Datasheet
1Mb / 5P
6-Axis Force/Torque Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com