Electronic Components Datasheet Search
  English  ▼

X  

MPC9140 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9140
Description  1:18 LVCMOS FANOUT BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9140 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9140 Datasheet HTML 1Page - Motorola, Inc MPC9140 Datasheet HTML 2Page - Motorola, Inc MPC9140 Datasheet HTML 3Page - Motorola, Inc MPC9140 Datasheet HTML 4Page - Motorola, Inc MPC9140 Datasheet HTML 5Page - Motorola, Inc MPC9140 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPC9140
MOTOROLA
TIMING SOLUTIONS
BR1333 — REV 5
2
Figure 2. Block Diagram
SDRAM0
SDRAM1
SDRAM2
SDRAM3
SDRAM4:13
SDRAM14
SDRAM15
SDRAM16
SDRAM17
CONFIG
REGISTERS
I2C
INTERFACE
SDATA
SCLOCK
OE
18
10
10
10
BUF_IN
Table 1. Pin Descriptions
Pin Name
I/O
Function
BUF_IN
I
3.3V CMOS clock input
SDRAM0:17
O
3.3V CMOS SDRAM clock outputs
SDATA
I/O
Serial data for configuration control
SCLK
I
Serial clock input for configuration control. The state of the SDATA input is clocked into the device on
the rising edge of this clock
OE
I
A Low forces all outputs into High–Z state
VDD
–
3.3V power supply connection
VSS
–
Ground connection which should be connected directly to the ground plane



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com