Electronic Components Datasheet Search
  English  ▼

X  

11610 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 11610
Description  Fuse carriers, Domestic cartridge fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

11610 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  11610 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bold pack quantities : Minimum quantities to be ordered.
76
domestic cartridge fuses
102 63
103 06
113 10
117 16
124 20
126 25
134 32
Pack
Cat.Nos
Miniature type 5
× 20
New model type fast acting - Ceramic body
Conform to IEC 60127 - NF EN 60-127 -
VDE 0820-1
High rupture capacity (A)
For use with dimmers, Viking terminals and
emergency lighting units
Rating
Voltage
±
Rupture
(Amps)
(Volts)
capacity (Amps)
10
102 02
0.2
10
102 05
0.5
10
102 06
0.63
10
102 10
1
10
102 12
1.25
10
102 16
1.6
10
102 20
2
250
1 500
10
102 25
2.5
10
102 30
3.15
10
102 50
5
10
102 63
6.3
10
102 96
10(1)
250
500
Cylindrical
Rating
Voltage
±
Rupture
Protected
Colour
(Amps)
(Volts)
capacity
section
identifi-
(Amps)
(mm2)
cation
Without
With
copper
indicator
indicator
6.3
× 23
10
103 02
2
10
103 04
4
250
6 000
1.5
10
103 06
6
8.5
× 23
10
113 02
114 02
2
10
113 04
114 04
4
10
113 06
114 06
6
250
6 000
1.5
10/100
113 10(2) 114 10(2)
10
10
113 18
For old
16 A
sockets
10.3
× 25.8
10
116 06
117 06
6
10
116 10
117 10
10
250
6 000
2.5
10
116 16
117 16
16
8.5
× 31.5
10
123 94
0.5
10
123 01
1
10
123 02
124 02
2
10
123 04
124 04
4
10
123 06
124 06
6
10
123 08
124 08
8
400
20 000
2.5
10/100
123 10
10
10
124 10
10
10
123 12
124 12
12
10/100
123 16
124 16
16
10/100
123 20(2) 124 20(2)
20
10.3
× 31.5
10
126 16
127 16
16
10
126 20
127 20
20
400
20 000
4
10
126 25(2) 127 25(2)
25
10.3
× 38
10/100
133 32(2)
32
400
20 000
6
10
134 32(2)
32
Neutral links
10
123 00
8.5
× 31.5
10
133 00
10
× 38
(1) Rating not described by standards
(2) Conform to NF C 61-203
• Cartridge totally visible
• Class II O insulation along
the entire length of the carrier
Each fuse carrier is designed
to take :
• a blow-out indicator
• a padlock
LEXICTM
Fuse
carriers
➜
1
COMPLETE SAFETY
➜
1
PRACTICAL
cex2001-02_073_080.qxd
1/03/01
0:28
Page 76


Similar Part No. - 11610

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
11610 BULGIN-11610 Datasheet
271Kb / 11P
Plugs and Sockets
logo
PHOENIX CONTACT
1161037 PHOENIX-1161037 Datasheet
309Kb / 8P
ME 67,5 UT BUS/102 KMGY - Mounting base housing
1161098 PHOENIX-1161098 Datasheet
337Kb / 12P
PCB terminal block - SPTAF 1/ 3-5,0-IL MC RDGNGYBD
Jun 29, 2022
More results

Similar Description - 11610

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0508315MXP LITTELFUSE-0508315MXP Datasheet
168Kb / 2P
Cartridge Fuses, 3AB 1000VAC / DC High Voltage Fuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0508.315MX6P LITTELFUSE-0508.315MX6P Datasheet
194Kb / 3P
Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
0508.500MX6P LITTELFUSE-0508.500MX6P Datasheet
194Kb / 3P
Axial Lead & Cartridge Fuses 3AB 1000VAC / DC High Voltage Fuse
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
logo
CamdenBoss Ltd.
CFH02 CAMDENBOSS-CFH02 Datasheet
702Kb / 1P
5x20mm PCB fuse carriers
CFH06 CAMDENBOSS-CFH06 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
CFH07 CAMDENBOSS-CFH07 Datasheet
840Kb / 1P
5x20mm PCB fuse carriers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com