Electronic Components Datasheet Search
  English  ▼

X  

3780 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3780
Description  Terminal Block Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3780 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3780 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
J
G
K
B
A
D
C
Ø H
Catalog #
A
B
C
D
E
F
G
H
J
K
J 410/J 411 0.41 0.25 0.19 0.09 0.10 0.04 0.010 0.094 0.08 NA
J 600
0.62 0.38 0.25 0.12 0.16 0.04 0.015 0.156 0.08 NA
J 601
0.71 0.45 0.31 0.15 0.19 0.06 0.015 0.166 0.11 NA
J 602
0.91 0.56 0.37 0.18 0.27 0.08 0.015 0.190 0.16 NA
J 603
1.13 0.69 0.43 0.21 0.25 0.12 0.031 0.201 0.24 NA
J 604
1.38 0.88 0.50 0.25 0.35 0.15 0.035 0.234 0.32 NA
J 605
1.75 1.13 0.62 0.31 0.39 0.24 0.035 0.266 0.54 NA
J 621
0.69 0.44 0.30 0.17 0.38 0.07 0.015 0.141 0.11 0.14
JS 600
0.62 0.38 0.25 0.12 0.16 0.04 0.015 0.156 0.08 0.16
JS 601
0.71 0.45 0.31 0.15 0.19 0.06 0.015 0.166 0.11 0.17
JS 602
0.91 0.56 0.37 0.18 0.27 0.08 0.015 0.190 0.16 0.14
Catalog # Material Finish Screw Thread L
A
3786
Steel
Nickel
8-32 UNC
0.38 0.41
3765
6-32 UNC
0.31 0.33
3780
Brass
Nickel
8-32 UNC
0.38 0.41
3760
6-32 UNC
0.31 0.33
3860
Brass
Nickel
6-32 UNC
0.30 0.29
3865
Steel
Nickel
6-32 UNC
0.30 0.29
107
Terminal Block Accessories
Datasheets available at marathonsp.com
J & JS Jumpers
mm = dim X 25.4
NOTE 1: These parts are not necessarilty supplied flat.
The functioning of the part, however, will not be interferred.
MSP Catalog
Designations:
J 600 = LL 100
J 601 = LL 200
J 602 = LL 300
J 603 = LL 400
J Type
Jumper
JS Type
Jumper
(per 55164/28B)
RJ Type Jumpers
Straddle Plate
Wire Clamp
RJS Type Jumpers
.23
[5.9]
.72
[18.3]
.17
[4.3]
.14
[3.6]
.12
[3.0]
.38
[9.5]
.52
[13.2]
.28
[7.1]
.65
[16.5]
.16
[4.0]
.15
[3.8]
.032
[.81]
.031
[.79]
.14
[3.6]
.44
[11.1]
Ø .15
[3.8]
Ø .16
[4.0]
.28
[7.1]
.16
[4.0]
.19
[4.9]
R .078
[1.98]
.08
[2.0]
.437
[11.10]
.14
[3.6]
.71
[18.1]
.031
[.79]
R .07
[1.8]
.28
[7.1]
.14
[3.6]
.14
[3.6]
.374
[9.50]
.18
[4.6]
.031
[.79]
.45
[11.4]
.56
[14.2]
.25
[6.4]
.26
[6.6]
PHIL-SLOT
A
A
L
SCREW THREAD
A
B
C
D
Ø F
Ø E
Material: Brass
Finish: Nickel Plate
600 RJ
Max # of sections = 24
Note: 670A RZ, 599 Series, use 600 RJ
601 RJ
Max # of sections = 24
Material: Brass
Finish: Nickel Plate
600 RJS
Max # of sections = 24
Note: 670A RZ, 599 Series, use 600 RJ
601 RJS
Max # of sections = 24
NOTE: “Termi-lox”
washer or equal
mm = dim X 25.4
mm = dim X 25.4
Catalog #
A
B
C
D
E
F
Material Finish
SPB 600
0.56
0.31 0.30 0.032 0.144
N/A
Brass
Tin
SPB 601
0.71
0.42 0.30 0.031 0.148
N/A
Brass
Nickel
SPB 602
0.87
0.50 0.40 0.032 0.189
N/A
Brass
Nickel
SPB 603
1.03
0.62 0.45 0.063 0.190 0.143
Brass
Tin
SPB 604
1.21
0.75 0.54 0.087 0.187 0.138
Brass
Tin
SPB 605
1.46
0.87 0.63 0.116 0.220 0.138
Brass
Nickel
NOTE 2: All dimensions are applicable after the bus
(jumper) is torqued down into the associate terminal board.
Material: Brass
Finish: Nickel Plate


Similar Part No. - 3780

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3780 POMONA-3780 Datasheet
23Kb / 1P
Minigrabber Test Clip, One End Only
logo
List of Unclassifed Man...
3780 ETC2-3780 Datasheet
255Kb / 2P
PRODUCT SPECIFICATION
logo
Heyco.
3780 HEYCO-3780 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Adafruit Industries
3780 ADAFRUIT-3780 Datasheet
287Kb / 4P
Google AIY Vision Full Kit - Includes Pi Zero WH - v1.1
9-5-18
logo
Marathon Special Produc...
3780 MARATHON-3780 Datasheet
138Kb / 1P
Terminal Block Accessories
More results

Similar Description - 3780

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0244600000 WEIDMULLER-0244600000 Datasheet
48Kb / 1P
Modular terminal, accessories, Socket
0267200000 WEIDMULLER-0267200000 Datasheet
51Kb / 1P
Modular terminal, accessories, Socket
0271200000 WEIDMULLER-0271200000 Datasheet
53Kb / 2P
Modular terminal, accessories, Socket
0271400000 WEIDMULLER-0271400000 Datasheet
51Kb / 1P
Modular terminal, accessories, Socket
0271500000 WEIDMULLER-0271500000 Datasheet
51Kb / 1P
Modular terminal, accessories, Socket
0379400000 WEIDMULLER-0379400000 Datasheet
48Kb / 1P
Modular terminal, accessories, Socket
0388800000 WEIDMULLER-0388800000 Datasheet
51Kb / 1P
Modular terminal, accessories, Socket
0514200000 WEIDMULLER-0514200000 Datasheet
51Kb / 2P
Modular terminal, accessories, Terminal rail (cable Modular terminal, accessories, Terminal rail (cable
logo
PHOENIX CONTACT
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
Inline power terminal block, without accessories, 24 V DC
2740339 PHOENIX-2740339 Datasheet
75Kb / 3P
Inline power terminal block, without accessories, without fuse, 230 V AC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com