Electronic Components Datasheet Search
  English  ▼

X  

MPC930 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC930
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC930 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC930 Datasheet HTML 2Page - Motorola, Inc MPC930 Datasheet HTML 3Page - Motorola, Inc MPC930 Datasheet HTML 4Page - Motorola, Inc MPC930 Datasheet HTML 5Page - Motorola, Inc MPC930 Datasheet HTML 6Page - Motorola, Inc MPC930 Datasheet HTML 7Page - Motorola, Inc MPC930 Datasheet HTML 8Page - Motorola, Inc MPC930 Datasheet HTML 9Page - Motorola, Inc MPC930 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPC930 MPC931
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
6
APPLICATIONS INFORMATION
Programming the MPC930/931
The MPC930/931 clock driver outputs can be configured
into several frequency relationships, in addition the external
feedback option allows for a great deal of flexibility in
establishing unique input to output frequency relationships.
The output dividers for the three output groups allows the
user to configure the outputs into 1:1, 2:1, 3:1, 3:2 and 3:2:1
frequency ratios. The use of even dividers ensures that the
output duty cycle is always 50%. Table 1 illustrates the
various output configurations, the table describes the outputs
using the VCO frequency as a reference. As an example for a
3:2:1 relationship the Qa outputs would be set at VCO/2, the
Qb’s at VCO/4 and the Qc’s at VCO/6. These settings will
provide output frequencies with a 3:2:1 relationship.
The division settings establish the output relationship, but
one must still ensure that the VCO will be stable given the
frequency of the outputs desired. The VCO lock range can be
found in the specification tables. The feedback frequency
and the Power_Dn pin can be used to situate the VCO into a
frequency range in which the PLL will be stable. The design
of the PLL is such that for output frequencies between 25 and
180MHz the MPC930/931 can generally be configured into a
stable region.
The relationship between the input reference and the
output frequency is also very flexible. Table 2 shows the
multiplication factors between the inputs and outputs when
the internal feedback option is used. For external feedback
Table 1 can be used to determine the multiplication factor,
there are too many potential combinations to tabularize the
external feedback condition. Figure 5 through Figure 10
illustrates several programming possibilities, although not
exhaustive it is representative of the potential applications.
Table 1. Programmable Output Frequency Relationships
(Power_Dn = ‘0’)
INPUTS
OUTPUTS
Div_Sela
Div_Selb
Div_Selc
Qa
Qb
Qc
0
0
0
VCO/2
VCO/2
VCO/4
0
0
1
VCO/2
VCO/2
VCO/6
0
1
0
VCO/2
VCO/4
VCO/4
0
1
1
VCO/2
VCO/4
VCO/6
1
0
0
VCO/4
VCO/2
VCO/4
1
0
1
VCO/4
VCO/2
VCO/6
1
1
0
VCO/4
VCO/4
VCO/4
1
1
1
VCO/4
VCO/4
VCO/6
Table 2. Input Reference/Output Frequency Relationships (Internal Feedback Only)
INPUTS
OUTPUTS
Qa
Qb
Qc
Div_Sela
Div_Selb
Div_Selc
Power_Dn=0
Power_Dn=1
Power_Dn=0
Power_Dn=1
Power_Dn=0
Power_Dn=1
0
0
0
4x
2x
4x
2x
2x
x
0
0
1
4x
2x
4x
2x
4/3x
2/3x
0
1
0
4x
2x
2x
x
2x
x
0
1
1
4x
2x
2x
x
4/3x
2/3x
1
0
0
2x
x
4x
2x
2x
x
1
0
1
2x
x
4x
2x
4/3x
2/3x
1
1
0
2x
x
2x
x
2x
x
1
1
1
2x
x
2x
x
4/3x
2/3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com