Electronic Components Datasheet Search
  English  ▼

X  

LPC5020 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPC5020
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPC5020 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPC5020 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPC5020T-470M
47.0
0.93
0.65
100.0
1.83
0.45
0.41
0.61
0.80
0.62
0.54
2.40
1.80
LPC5020T-6R8M
6.8
0.132
1.80
1.70
3.20
2.50
LPC5020T-3R3M
3.3
0.069
2.80
2.30
LPC5020T-2R2M
2.2
±20
0.038
0.045
LPC5020T-4R7M
4.7
0.086
3.50
2.55
Rated DC current(A)
L
(uH)
Tol.
(%)
0.029
4.50
3.00
Idc2
(Typ.)
1.5
LPC5020T-1R0N
1.0
±30
100
LPC5020T-1R5N
LPC5020T-100M
10.0
LPC5020T-330M
33.0
LPC5020T-101M
LPC5020 Series
▼Electrical Characteristics
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
Frequency
DC Resistance(Ω)
F
(KHz)
Rdc
±
20%
Ordering Code
Inductance
Idc1
(Max.)
▼
Test Equipments
□
Packing style
1.10
1.30
LPC5020T-220M
22.0
0.40
1.00
0.16
0.80
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
▼
Operating Temperature Range
-40 ~ +105℃ (Including self-generated heat)
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc1(The saturation current) : △L≤ 20% reduction from initial L value
. Idc2(The temperature rise): △T= 40℃ typical at rated DC current
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
http://www.abco.co.kr
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use
5.0±0.2
1.8±0.2
2.0
1.5
2.6 5.6
1.2
1.5
1.95


Similar Part No. - LPC5020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC51U68 NXP-LPC51U68 Datasheet
2Mb / 93P
32-bit ARM Cortex-M0 MCU; 96 KB SRAM; 256 KB flash, Crystal-less USB operation, Flexcomm Interface, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC, Temperature sensor
Rev. 1.3-18 May 2018
LPC51U68JBD48 NXP-LPC51U68JBD48 Datasheet
2Mb / 93P
32-bit ARM Cortex-M0 MCU; 96 KB SRAM; 256 KB flash, Crystal-less USB operation, Flexcomm Interface, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC, Temperature sensor
Rev. 1.3-18 May 2018
LPC51U68JBD64 NXP-LPC51U68JBD64 Datasheet
2Mb / 93P
32-bit ARM Cortex-M0 MCU; 96 KB SRAM; 256 KB flash, Crystal-less USB operation, Flexcomm Interface, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC, Temperature sensor
Rev. 1.3-18 May 2018
LPC54005JBD100 NXP-LPC54005JBD100 Datasheet
3Mb / 168P
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC54005JET100 NXP-LPC54005JET100 Datasheet
3Mb / 168P
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
More results

Similar Description - LPC5020

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1054 ABCO-LPN1054 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com